Electronic Components Datasheet Search
  English  ▼

X  

ATFS05-CI Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATFS05-CI
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS05-CI Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATFS05-CI Datasheet HTML 6Page - ATMEL Corporation ATFS05-CI Datasheet HTML 7Page - ATMEL Corporation ATFS05-CI Datasheet HTML 8Page - ATMEL Corporation ATFS05-CI Datasheet HTML 9Page - ATMEL Corporation ATFS05-CI Datasheet HTML 10Page - ATMEL Corporation ATFS05-CI Datasheet HTML 11Page - ATMEL Corporation ATFS05-CI Datasheet HTML 12Page - ATMEL Corporation ATFS05-CI Datasheet HTML 13Page - ATMEL Corporation ATFS05-CI Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
ATFS05/10/40
3017C–FPSLI–07/02
Ordering Information
Ordering Code
Package
Operation Range
ATFS05-CC
ATFS10-CC
ATFS40-CC
8CN4
8CN4
8CN4
Commercial
(0
°Cto70°C)
ATFS05-CI
ATFS10-CI
ATFS40-CI
8CN4
8CN4
8CN4
Industrial
(-40
°Cto 85°C)
Package Type
8CN4
8-lead (6 x 6 x 1.04 mm Body), Lead Pitch 1.27 mm, Leadless Array Package (LAP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com