Electronic Components Datasheet Search
  English  ▼

X  

TM16LR64JFN Datasheet(PDF) 14 Page - Texas Instruments

Part # TM16LR64JFN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16LR64JFN Datasheet(HTML) 14 Page - Texas Instruments

Back Button TM16LR64JFN Datasheet HTML 9Page - Texas Instruments TM16LR64JFN Datasheet HTML 10Page - Texas Instruments TM16LR64JFN Datasheet HTML 11Page - Texas Instruments TM16LR64JFN Datasheet HTML 12Page - Texas Instruments TM16LR64JFN Datasheet HTML 13Page - Texas Instruments TM16LR64JFN Datasheet HTML 14Page - Texas Instruments TM16LR64JFN Datasheet HTML 15Page - Texas Instruments TM16LR64JFN Datasheet HTML 16Page - Texas Instruments TM16LR64JFN Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
TM8LR64JFN 8 388 608 BY 64BIT
TM16LR64JFN 16 777 216 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS710 − MAY 1998
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial presence detect (continued)
Table 2. Serial Presence-Detect Data for the TM16LR64JFN (Continued)
BYTE
DESCRIPTION OF FUNCTION
TM16LR64JFN-8
TM16LR64JFN-8A
BYTE
NO.
DESCRIPTION OF FUNCTION
ITEM
DATA
ITEM
DATA
31
Density of each bank on module
64M Bytes
10h
64M Bytes
10h
32
Command and address signal input setup time
tIS = 2 ns
20h
tIS = 2 ns
20h
33
Command and address signal input hold time
tIH = 1 ns
10h
tIH = 1 ns
10h
34
Data signal input setup time
tIS = 2 ns
20h
tIS = 2 ns
20h
35
Data signal input hold time
tIH = 1 ns
10h
tIH = 1 ns
10h
36−61
Superset features (may be used in the future)
62
SPD revision
Rev. 1.2
12h
Rev. 1.2
12h
63
Checksum for byte 0 − 62
96
60h
197
C5h
64 − 71
Manufacturer’s JEDEC ID code per JEP − 106E
97h
9700...
00h
97h
9700...
00h
72
Manufacturing location†
TBD
TBD
73
Manufacturer’s part number
T
54h
T
54h
74
Manufacturer’s part number
M
4Dh
M
4Dh
75
Manufacturer’s part number
1
31h
1
31h
76
Manufacturer’s part number
6
36h
6
36h
77
Manufacturer’s part number
L
4Ch
L
4Ch
78
Manufacturer’s part number
R
52h
R
52h
79
Manufacturer’s part number
6
36h
6
36h
80
Manufacturer’s part number
4
34h
4
34h
81
Manufacturer’s part number
J
4Ah
J
4Ah
82
Manufacturer’s part number
F
46h
F
46h
83
Manufacturer’s part number
N
4Eh
N
4Eh
84
Manufacturer’s part number
—
2Dh
—
2Dh
85
Manufacturer’s part number
8
38h
8
38h
86
Manufacturer’s part number
SPACE
20h
A
41h
87 − 90
Manufacturer’s part number
SPACE
20h
SPACE
20h
73 − 90
Manufacturer’s part number†
TBD
TBD
91
Die revision code†
TBD
TBD
92
PCB revision code†
TBD
TBD
93 − 94
Manufacturing date†
TBD
TBD
95 − 98
Assembly serial number†
TBD
TBD
99 − 125
Manufacturer-specific data†
TBD
TBD
126
Clock frequency
100 MHz
64h
100 MHz
64h
127
SDRAM component and clock interconnection details
247
F7h
247
F7h
128−166
System-integrator-specific data‡
TBD
TBD
167−255
Open
† TBD indicates values are determined at manufacturing time and are module-dependent.
‡ These TBD values are determined and programmed by the customer (optional).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com