Electronic Components Datasheet Search
  English  ▼

X  

DS1746 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1746
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1746 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1746 Datasheet HTML 1Page - Dallas Semiconductor DS1746 Datasheet HTML 2Page - Dallas Semiconductor DS1746 Datasheet HTML 3Page - Dallas Semiconductor DS1746 Datasheet HTML 4Page - Dallas Semiconductor DS1746 Datasheet HTML 5Page - Dallas Semiconductor DS1746 Datasheet HTML 6Page - Dallas Semiconductor DS1746 Datasheet HTML 7Page - Dallas Semiconductor DS1746 Datasheet HTML 8Page - Dallas Semiconductor DS1746 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DS1746/DS1746P
5 of 18
DS1746 REGISTER MAP Table 2
DATA
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION/RANGE
1FFFF
10 YEAR
YEAR
YEAR
00-99
1FFFE
X
X
X
10 MO
MONTH
MONTH
01-12
1FFFD
X
X
10 DATE
DATE
DATE
01-31
1FFFC
BF
FT
X
X
X
DAY
DAY
01-07
1FFFB
X
X
10 HOUR
HOUR
HOUR
00-23
1FFFA
X
10 MINUTES
MINUTES
MINUTES
00-59
1FFF9
OSC
10 SECONDS
SECONDS
SECONDS
00-59
1FFF8
W
R
10 CENTURY
CENTURY
CENTURY
00-39
OSC = STOP BIT
R
= READ BIT
FT = FREQUENCY TEST
W
= WRITE BIT
X
= SEE NOTE BELOW
BF = BATTERY FLAG
NOTE:
All indicated “X” bits are not dedicated to any particular function and can be used as normal RAM bits.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1746 is in the read mode whenever OE (output enable) is low, WE (write enable) is high, and CE
(chip enable) is low. The device architecture allows ripple-through access to any of the address locations
in the NV SRAM. Valid data will be available at the DQ pins within tAA after the last address input is
stable, providing that the CE and OE access times and states are satisfied. If CE or OE access times
and states are not met, valid data will be available at the latter of chip enable access (tCEA) or at output
enable access time (tOEA). The state of the data input/output pins (DQ) is controlled by CE and OE . If the
outputs are activated before tAA , the data lines are driven to an intermediate state until tAA . If the address
inputs are changed while CE and OE remain valid, output data will remain valid for output data hold
time (tOH) but will then go indeterminate until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1746 is in the write mode whenever WE , and CE are in their active state. The start of a write is
referenced to the latter occurring transition of WE , or CE . The addresses must be held valid throughout
the cycle. CE or WE must return inactive for a minimum of tWR prior to the initiation of another read or
write cycle. Data in must be valid tDS prior to the end of write and remain valid for tDS afterward. In a
typical application, the OE signal will be high during a write cycle. However, OE can be active
provided that care is taken with the data bus to avoid bus contention. If OE is low prior to
WE transitioning low the data bus can become active with read data defined by the address inputs. A low
transition on WE will then disable the output tWEZ after WE goes active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com