Electronic Components Datasheet Search
  English  ▼

X  

EL2044CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2044CS
Description  Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2044CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2044CS Datasheet HTML 2Page - Intersil Corporation EL2044CS Datasheet HTML 3Page - Intersil Corporation EL2044CS Datasheet HTML 4Page - Intersil Corporation EL2044CS Datasheet HTML 5Page - Intersil Corporation EL2044CS Datasheet HTML 6Page - Intersil Corporation EL2044CS Datasheet HTML 7Page - Intersil Corporation EL2044CS Datasheet HTML 8Page - Intersil Corporation EL2044CS Datasheet HTML 9Page - Intersil Corporation EL2044CS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Typical Performance Curves (Continued)
Short-Circuit Current
vs Temperature
Differential Gain and
Phase vs DC Input
Offset at 3.58MHz
Differential Gain and
Phase vs DC Input
Offset at 4.43MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 3.58MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 4.43MHz
Small-Signal
Step Response
Short-Circuit Current
Large-Signal
Gain-Bandwidth Product vs Load Capacitance
70
60
50
40
30
20
10
0
1
10
100
1k
10k
Load Capacitance (pF)
VS=±15V
AV=-2
Overshoot vs Load Capacitance
35
30
25
20
15
10
5
0
510
15
25
35
Load Capacitance (pF)
VS=±15V
RG=open
20
30
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
85
Ambient Temperature (°C)
781mW
1.25W
θ
JA =
10
0°C
/W
θ
JA =1
60°C
/W
SO
8
PD
IP
8
EL2044



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com