Electronic Components Datasheet Search
  English  ▼

X  

KBJ6A Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # KBJ6A
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

KBJ6A Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  KBJ6A Datasheet HTML 1Page - Diode Semiconductor Korea KBJ6A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30± 0.3
φ3.
2± 0
.15
2.4± 0.2
2.2± 0.2
1.0± 0.1
10± 0.2 7.5± 0.2 7.5± 0.2
3.7± 0.2
4.7± 0.25
0.8± 0.15
2.8± 0.2
FEATURES
Rating to 1000V PRV
Surge overload rating to
150 Am peres peak
Ideal for printed circuit board
Reliable low cos t cons truction utilizing m olded
plas tic technique res ults in inexpens ive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
KB
J
6D
KB
J
6
G
KB
J
6J
KB
J
6K
KB
J
6M
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=110
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 3.0 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=100
mA
Typical junction capacitance per element
CJ
pF
Typical thermal resistance
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTES:1.Measured at 1.0MH
Z and applied rev ers e v oltage of 4.0V DC
- 55 ---- + 150
- 55 ---- + 150
IR
55
1.8
10.0
70
VOLT AGE RANGE: 50 --- 1000 V
CURRENT :
6.0 A
35
50
Lead s olderable per MIL-STD-202 m ethod 208
Polarity:Sym bols m olded on body
Mounting pos ition: Any
MECHANCAL DATA
Weight:0.23 ounces , 6.6 gram s
6.0
A
KBJ6A --- KBJ6M
SILICON BRIDGE RECT IFIERS
150.0
IFSM
KBJ
100
KBJ
6A
KBJ
6B
50
100
1.0
2.Dev ice mounted on 300mm X 300mm X 1.6mm cu Plate heatsink.
1.0
A
IF(AV)
Glass passivated chip junctions
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - KBJ6A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ6A WTE-KBJ6A Datasheet
51Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ6A DCCOM-KBJ6A Datasheet
419Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ6A WTE-KBJ6A Datasheet
76Kb / 4P
6.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ6A BILIN-KBJ6A Datasheet
144Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBJ6A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com