Electronic Components Datasheet Search
  English  ▼

X  

KBP005 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # KBP005
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

KBP005 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  KBP005 Datasheet HTML 1Page - Diode Semiconductor Korea KBP005 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.4
0.6
0.8
1.0
1.4
1.2
0.1
1.0
10
 T
J
=125
Pulse Width
=300
uS
0.2
0
.01
1.0
10
0
40
60
0.1
20
TJ=100
100
120
140
80
TJ=25
0.4
0.8
1.2
1.6
0
20
40
60
80
100
120
COPPERPADS PCB
(12mm x 12mm)
140
2.0
Resislive or
Inductive Load
150
110
100
8.3ms Single Half Sine Wave
0
20
30
40
50
10
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
PERCENT OF RATED PEAK REVERSE VOLTAGE
KBP005---KBP10
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- PEAK FORWARD SURGE CURRENT
FIG.2 -- FORWARD DERATING CURVE
VVNVVOUTPUT RECTIFIED CURRENT
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com