Electronic Components Datasheet Search
  English  ▼

X  

BYG20D Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BYG20D
Description  ULTRFAST AVALANCHE RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYG20D Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BYG20D Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYG20D Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BYG20D - BYG20J )
FIG.1 - MAX. AVERAGE FORWARD CURRENT
FIG.2 - DIODE CAPACITANCE VS.
VS. AMBIENT TEMPERATURE
REVERSE VOLTAGE
0
25
50
75
100
125
150
0.1
1.0
10
AMBIENT TEMPERATURE, (
°C)
REVERSE VOLTAGE, (V)
FIG.3 - FORWARD CURRENT VS.
FIG.4 - REVERSE CURRENT VS.
FORWARD VOLTAGE
JUNCTION TEMPERATURE
0
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
1.2
0.9
0.6
0.3
1.5
100
20
0
25
0
15
10
5
1.0
0.1
1.0
10
JUNCTION TEMPERATURE, (°C)
0.01
f = 1 MHz
TJ = 25 °C
VR = VRRM
Half Sine Wave
RӨJA 25 ≤ K/W
10
0.001
FORWARD VOLTAGE, (V)
TJ = 150 °C
VR = VRRM
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com