Electronic Components Datasheet Search
  English  ▼

X  

RU4AM Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RU4AM
Description  HIGH EFFICIENCY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RU4AM Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RU4AM Datasheet HTML 1Page - SUNMATE electronic Co., LTD RU4AM Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 3.5 A
VOLTAGE RANGE: 400 - 600V
HIGH EFFICIENCY RECTIFIER DIODES
RU4M - RU4AM
The plas tic m aterial carries U/L recognition 94V-0
Maximum peak repetitive reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
A
Peak f orw ard surge current
10ms single half -sine-w ave
superimplsed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ 3.5A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A =100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MH
Z and applied rev ers e v olt age of 4. 0V D C .
70.0
s im ilar s olvents
IR
10.0
300.0
1.3
RU4M
400
600
IF(AV)
RU4AM
400
600
3.5
A
A
420
280
- 55 ----- + 150
Low leakage
Eas ily cleaned with freon, alcohol, ls opropand and
A
3. Thermal resistance junction to am bient.
High current capability
IFSM
8
100
70
50
- 55 ----- + 150
N OTE: 1. Measured with I
F=0.5A, I R=1A, I rr=0. 25A.
Features
Characteristic
Symbol
Units
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
9.5mm lead length,
@T =75
!
!
!
!
!
!
!
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Low cost
Diffused junction
Low forward voltage drop
1 of 2
www.sunmate.tw
!
! Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
! Polarity: Cathode Band
! Weight: 1.2 grams (approx.)
! Mounting Position: Any
! Marking: Type Number
Case: DO-201AD, Molded Plastic
Mechanical Data


Similar Part No. - RU4AM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU4AM SANKEN-RU4AM Datasheet
18Kb / 1P
Fast-Recovery Rectifier Diodes
RU4AM SANKEN-RU4AM Datasheet
78Kb / 2P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RU4AM BILIN-RU4AM Datasheet
54Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Gulf Semiconductor
RU4AM GULFSEMI-RU4AM Datasheet
88Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
logo
EIC discrete Semiconduc...
RU4AM EIC-RU4AM Datasheet
49Kb / 2P
FAST RECOVERY RECTIFIERS
More results

Similar Description - RU4AM

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EU02Z SUNMATE-EU02Z Datasheet
299Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
RG10Y SUNMATE-RG10Y Datasheet
299Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER601 SUNMATE-HER601 Datasheet
323Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER601S SUNMATE-HER601S Datasheet
287Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER101 SUNMATE-HER101 Datasheet
285Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER201 SUNMATE-HER201 Datasheet
362Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER301 SUNMATE-HER301 Datasheet
289Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
HER501 SUNMATE-HER501 Datasheet
305Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
BYT13-600 SUNMATE-BYT13-600 Datasheet
249Kb / 1P
HIGH EFFICIENCY RECTIFIER DIODES
RU4D SUNMATE-RU4D Datasheet
445Kb / 2P
HIGH EFFICIENCY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com