Electronic Components Datasheet Search
  English  ▼

X  

IPS041L Datasheet(PDF) 6 Page - International Rectifier

Part # IPS041L
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS041L Datasheet(HTML) 6 Page - International Rectifier

Back Button IPS041L Datasheet HTML 2Page - International Rectifier IPS041L Datasheet HTML 3Page - International Rectifier IPS041L Datasheet HTML 4Page - International Rectifier IPS041L Datasheet HTML 5Page - International Rectifier IPS041L Datasheet HTML 6Page - International Rectifier IPS041L Datasheet HTML 7Page - International Rectifier IPS041L Datasheet HTML 8Page - International Rectifier IPS041L Datasheet HTML 9Page - International Rectifier IPS041L Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IPS041L
6
www.irf.com
Figure 6 - Normalised Rds ON (%) Vs Tj (oC)
Figure 5 - Rds ON (m
Ω) Vs Input Voltage (V)
All curves are typical values with standard footprints. Operating in the shaded area is not recommended.
Figure 8 - Turn-OFF Delay Time & Fall Time
(us)
Vs Input Voltage (V)
Figure 7 - Turn-ON Delay Time, Rise Time & Time
to 130% final Rds(on) (us) Vs Input Voltage (V)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
012345678
Tj = 150
oC
Tj = 25
oC
0
1
2
3
4
5
6
7
8
9
10
0
1
23
45
6
7
8
ton delay
rise tim e
130% rdson
0
1
2
3
4
01
2
3
45
6
7
8
toff delay
fall tim e
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
-50 -25
0
25
50
75 100 125 150 175



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com