Electronic Components Datasheet Search
  English  ▼

X  

IRLML6401 Datasheet(PDF) 8 Page - International Rectifier

Part # IRLML6401
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6401 Datasheet(HTML) 8 Page - International Rectifier

  IRLML6401 Datasheet HTML 1Page - International Rectifier IRLML6401 Datasheet HTML 2Page - International Rectifier IRLML6401 Datasheet HTML 3Page - International Rectifier IRLML6401 Datasheet HTML 4Page - International Rectifier IRLML6401 Datasheet HTML 5Page - International Rectifier IRLML6401 Datasheet HTML 6Page - International Rectifier IRLML6401 Datasheet HTML 7Page - International Rectifier IRLML6401 Datasheet HTML 8Page - International Rectifier IRLML6401 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRLML6401
8
www.irf.com
Part Marking Information
6
1996
26
24
25
30
28
WEEK
27
WORK
29
2002
2003
1995
1994
2001
YEAR
B
D
E
C
Y
A
2000
1997
1999
1998
0
8
9
7
D
C
W
B
A
X
Z
Y
04
WEEK
WORK
02
01
03
2002
2003
1995
1994
YEAR
2001
2
4
5
3
Y
1
W
D
C
B
A
EXAMPLE: THIS IS AN IRLML6302
DATE CODE EXAMPLES:
YWW = 9532 = EF
YWW = 9503 = 5C
WW = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR
Notes : This part marking information applies to devices produced before 02/26/2001
F
1996
52
51
50
2000
1997
1999
1998
K
H
J
G
X
Z
Y
PART NUMBER
PART NUMBER CODE REFERENCE:
WW = (27-52) IF PRECEDED BY A LETTER
DATE
1C = IRLML6302
1D = IRLML5103
1F = IRLML6401
1G = IRLML2502
1H = IRLML5203
1E = IRLML6402
1A = IRLML2402
1B = IRLML2803
CODE
Micro3
29
30
50
W
YEAR
A
2001
A
B
2002
B
C
2003
C
D
1994
D
X
J
1995
1996
1997
1998
1999
2000
E
F
G
H
K
Y
1995
1996
1997
1998
2000
9
8
7
6
5
PART NUMBER
Y = YEAR
W = WEEK
WORK
WEEK
WORK
A = IRLML2402
B = IRLML2803
C = IRLML6302
D = IRLML5103
PART NUMBER CODE REFERENCE:
25
Y
51
Y
26
Z
52
Z
G = IRLML2502
F = IRLML6401
E = IRLML6402
H = IRLML5203
LOT
CODE
Notes: This part marking information applies to devices produced after 02/26/2001
W = (1-26) IF PRECEDED BY LAST DIGIT OF CALENDAR YEAR
01
02
03
04
24
W
YEAR
Y
A
2001
1
B
2002
2
C
2003
3
D
1994
4
X
1999
0
W = (27-52) IF PRECEDED BY A LETTER
WEEK
27
28



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com