Electronic Components Datasheet Search
  English  ▼

X  

UCC3918DP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3918DP
Description  LOW ON-RESISTANCE HOT SWAP POWER MANAGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3918DP Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3918DP Datasheet HTML 4Page - Texas Instruments UCC3918DP Datasheet HTML 5Page - Texas Instruments UCC3918DP Datasheet HTML 6Page - Texas Instruments UCC3918DP Datasheet HTML 7Page - Texas Instruments UCC3918DP Datasheet HTML 8Page - Texas Instruments UCC3918DP Datasheet HTML 9Page - Texas Instruments UCC3918DP Datasheet HTML 10Page - Texas Instruments UCC3918DP Datasheet HTML 11Page - Texas Instruments UCC3918DP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UCC3918
LOW ONRESISTANCE HOT SWAP POWER MANAGER
SLUS384B – NOVEMBER 1999 – REVISED JUNE 2000
8
www.ti.com
TYPICAL CHARACTERISTICS
SHUTDOWN
FAULT OUT
VOUT
I
OUT
Figure 7
PROPAGATION DELAY
SHUTDOWN TO FAULT AND
OUTPUT RAMP-DOWN
COUT = 0 F
RLOAD = 5
CIN = 5 F
RIFAULT = 52.3 k
RIMAX = 42.4 k
Figure 8
PROPAGATION DELAY
ENABLE TO FAULT AND
OUTPUT RAMP-UP
0 A
1 A
SHUTDOWN
FAULT OUT
VOUT
IOUT (RLOAD = 5 )
COUT = 0 F
RLOAD = 5
CIN = 5 F
RIFAULT = 52.3 k
RIMAX = 42.4 k
Figure 9
ON-STATE RESISTANCE
vs
OUTPUT CURRENT
0.5
0
1.5
1.0
2.5
2.0
3.5
3.0
4.0
55
65
75
85
95
105
115
125
I
OUT – Output Current – A
Figure 10
ON-STATE RESISTANCE
vs
TEMPERATURE
TA – Free-Air Temperature – _C
80
VIN = 3 V, I = 1 A
VIN = 5 V, I = 1 A
Average
VIN = 3 V, I = 4 A
VIN = 5 V, I = 4 A
– 40
40
0
120
40
60
80
100
50
70
90
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com