Electronic Components Datasheet Search
  English  ▼

X  

UCC5622 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5622
Description  27 - Line SCSI Terminator With Split Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5622 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5622 Datasheet HTML 1Page - Texas Instruments UCC5622 Datasheet HTML 2Page - Texas Instruments UCC5622 Datasheet HTML 3Page - Texas Instruments UCC5622 Datasheet HTML 4Page - Texas Instruments UCC5622 Datasheet HTML 5Page - Texas Instruments UCC5622 Datasheet HTML 6Page - Texas Instruments UCC5622 Datasheet HTML 7Page - Texas Instruments UCC5622 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UCC5622
Other features include thermal shutdown and current
limit. This device is offered in low thermal resistance ver-
sions of the industry standard 44 pin wide body QSOP
(MWP). Consult QSOP-44 Packaging Diagram for exact
dimensions.
DESCRIPTION (cont.)
L9
L8
L23
L24
1
2
3
4
N/C
N/C
L25
L26
5
6
7
8
GND
L27
GND
GND
9
10
11
12
DISCNCT1
GND
DISCNCT2
L10
13
14
15
16
L12
L11
L13
L14
17
18
19
20
L2
L1 21
22
L8
L7
L5
L22
44
43
42
41
L21
N/C
L20
L19
40
39
38
37
GND
REG
GND
GND
36
35
34
33
TRMPWR
GND
L18
L17
32
31
30
29
N/C
L16
N/C
L15
28
27
26
25
L3
L4
24
23
CONNECTION DIAGRAM
QSOP-44 (Top View)
MWP Package
ABSOLUTE MAXIMUM RATINGS
TRMPWR Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +7V
Regulator Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A
Storage Temperature . . . . . . . . . . . . . . . . . . . 65 C to +150 C
Junction Temperature . . . . . . . . . . . . . . . . . . . 55 C to +150 C
Lead Temperature (Soldering, 10 Sec.). . . . . . . . . . . . . +300 C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C,
TRMPWR = 4.75V, DISCNCT1 = DSCNCT2 = 0V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
TRMPWR Supply Current
All Termination Lines = Open
1
2
mA
All Termination Lines = 0.2V
630
650
mA
Power Down Mode
DISCNCT1 = DSCNCT2 = TRMPWR
100
200
A
Output Section (Termination Lines)
Termination Impedance
(Note 3)
104.5
110
115.5
Output High Voltage
(Note 1)
2.6
2.8
3.0
V
Max Output Current
VLINE = 0.2V, TJ = 25 C
22.1
23.3
24
mA
VLINE = 0.2V
20.7
23.3
24
mA
VLINE = 0.2V, TRMPWR = 4V, TJ = 25 C (Note 1)
21
23
24
mA
VLINE = 0.2V, TRMPWR = 4V (Note 1)
20
23
24
mA
VLINE = 0.5V
22.4
mA
Output Leakage
DISCNCT1 = DISCNCT2 = 2.4V, TRMPWR = 0V to
5.25V
10
400
nA
Output Capacitance
DISCNCT1 = DISCNCT2 = 2.4V (Note 2)
2.5
4
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com