Electronic Components Datasheet Search
  English  ▼

X  

DS3896 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3896
Description  BTL Trapezoidal??Transceivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3896 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3896 Datasheet HTML 1Page - National Semiconductor (TI) DS3896 Datasheet HTML 2Page - National Semiconductor (TI) DS3896 Datasheet HTML 3Page - National Semiconductor (TI) DS3896 Datasheet HTML 4Page - National Semiconductor (TI) DS3896 Datasheet HTML 5Page - National Semiconductor (TI) DS3896 Datasheet HTML 6Page - National Semiconductor (TI) DS3896 Datasheet HTML 7Page - National Semiconductor (TI) DS3896 Datasheet HTML 8Page - National Semiconductor (TI) DS3896 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6V
Control Input Voltage
5.5V
Driver Input and Receiver Output
5.5V
Receiver Input and Driver Output
2.5V
Power Dissipation at 70˚C N Package
1480 mW
M Package
TBD mW
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 4 sec.)
260˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage, V
CC
4.75
5.25
V
Bus Termination Voltage
1.90
2.10
V
Operating Free Air Temperature
0
70
˚C
Electrical Characteristics: (Notes 2, 3)
(0˚C
≤ T
A ≤ 70˚C, 4.75V ≤ VCC ≤ 5.25V unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver and Control Inputs: (An, Dn, En, CD, T/R , RE , TE )
V
IH
Logical “1” Input Voltage
2.0
V
V
IL
Logical “0” Input Voltage
0.8
V
I
I
Logical “1” Input Current
An = Dn = En = V
CC
1mA
I
IH
Logical “1” Input Current
An = Dn = En = 2.4V
40
µA
I
IHC
Logical “1” Input Current
CD = T/R = RE = TE = 2.4V
80
µA
I
IL
Logical “0” Input Current
An = Dn = En = 0.4V
−1
−1.6
mA
I
ILC
Logical “0” Input Current
CD = T/R = RE = TE = 0.4V
−180
−400
µA
V
CL
Input Diode Clamp Voltage
Iclamp = −12 mA
−0.9
−1.5
V
Driver Output/Receiver Input: (Bn)
V
OLB
Low Level Bus Voltage
An = Dn = En = T/R = 2V, VL = 2V
0.75
1.0
1.2
V
RL = 18.5
Ω,CD = TE = 0.8V (Figure 1)
I
IHB
Maximum Bus Current (Power On)
An = Dn = En = 0.8V, V
CC = 5.25V
10
100
µA
Bn = 2V
I
ILB
Maximum Bus Current (Power Off)
An = Dn = En = 0.8V, V
CC = 0V
100
µA
Bn = 2V
V
TH
Receiver Input Threshold
V
CC = 5V
1.47
1.55
1.62
V
Receiver Output: (An, Rn)
V
OH
Logical “1” Output Voltage
Bn = 1.2V, I
OH = −400 µA
2.4
3.2
V
CD = T/R = RE = 0.8V
V
OL
Logical “0” Output Voltage
Bn = 2V, I
OL = 16 mA
0.35
0.5
V
CD = T/R = RE = 0.8V
I
OS
Output Short Circuit Current
Bn = 1.2V
−20
−70
−100
mA
CD = T/R = RE = 0.8V
I
CC
Supply Current (DS3896)
V
CC = 5.25V
90
135
mA
I
CC
Supply Current (DS3897)
V
CC = 5.25V
50
80
mA
Note 1: “Absolute maximum ratings” are those beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should be
operated at these limits. The table of “Electrical Characteristic” provide conditions for actual device operation.
Note 2: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified.
Note 3: All typicals are given for VCC = 5V and Ta = 25˚C.
DS3896 Switching Characteristics
(0˚C
≤ T
A ≤ 70˚C, 4.75V ≤ VCC ≤ 5.25V unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver:
t
DLH
An to Bn
CD = 0.8V, T/R = 2.0V, VL = 2V
5
9
15
ns
t
DHL
(
Figure 2)5
9
15
ns
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com