Electronic Components Datasheet Search
  English  ▼

X  

2SB1571 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SB1571
Description  Old Company Name in Catalogs and Other Documents
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB1571 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SB1571 Datasheet HTML 1Page - Renesas Technology Corp 2SB1571 Datasheet HTML 2Page - Renesas Technology Corp 2SB1571 Datasheet HTML 3Page - Renesas Technology Corp 2SB1571 Datasheet HTML 4Page - Renesas Technology Corp 2SB1571 Datasheet HTML 5Page - Renesas Technology Corp 2SB1571 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©
2001
PNP SILICON EPITAXIAL TRANSISTOR
2SB1571
PNP SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No.
D15930EJ2V0DS00 (2nd edition)
Date Published
December 2001 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
• Low VCE(sat): VCE(sat)1 ≤ −0.35 V
• Complementary to 2SD2402
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
−50
V
Collector to Emitter Voltage
VCEO
−30
V
Emitter to Base Voltage
VEBO
−6.0
V
Collector Current (DC)
IC(DC)
−5.0
A
Collector Current (pulse)
Note1
IC(pulse)
−8.0
A
Base Current (DC)
IB(DC)
−0.2
A
Base Current (pulse)
Note1
IB(pulse)
−0.4
A
Total Power Dissipation
Note2
PT
2.0
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
–55 to + 150
°C
Notes 1. PW
≤ 10 ms, Duty Cycle ≤ 50%
2. When mounted on ceramic substrate of 16 cm
2 x 0.7 mm
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB =
−50 V, IE = 0
−100
nA
Emitter Cut-off Current
IEBO
VEB =
−6.0 V, IC = 0
−100
nA
DC Current Gain
Note
hFE1
VCE =
−1.0 V, IC = −1.0 A
80
−
hFE2
VCE =
−1.0 V, IC = −2.0 A
100
200
400
−
Base to Emitter Voltage
Note
VBE
VCE =
−1.0 V, IC = −0.1 A
−0.6
−0.665
−0.7
V
Collector Saturation Voltage
Note
VCE(sat)1
IC =
−3.0 A, IB = −0.15 A
−0.17
−0.35
V
Collector Saturation Voltage
Note
VCE(sat)2
IC =
−5.0 A, IB = −0.25 A
−0.28
−0.55
V
Base Saturation Voltage
Note
VBE(sat)
IC =
−3.0 A, IB = −0.15 A
−0.89
−1.2
V
Gain Bandwidth Product
fT
VCE =
−10 V, IE = 0.5 A
150
MHz
Output Capacitance
Cob
VCB =
−10 V, IE = 0, f = 1.0 MHz
100
pF
Turn-on Time
ton
IC =
−2.0 A, VCC = −10 V,
265
ns
Storage Time
tstg
RL = 5.0
Ω, IB1 = −IB2 = −0.1 A,
350
ns
Fall Time
tf
50
ns
Note Pulsed: PW
≤ 350
µs, Duty Cycle ≤ 2%
hFE CLASSFICATION
Marking
HX
HY
HZ
hFE2
100 to 200
160 to 320
200 to 400
PACKAGE DRAWING (Unit: mm)
1.6±0.2
4.5±0.1
0.42
±0.06
1.5
0.42
±0.06
0.47
±0.06
3.0
0.41
+0.03
–0.05
1.5±0.1
E
C
B
E: Emitter
C: Collector (Fin)
B: Base



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com