Electronic Components Datasheet Search
  English  ▼

X  

MPC9448D Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC9448D
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9448D Datasheet(HTML) 3 Page - Motorola, Inc

  MPC9448D Datasheet HTML 1Page - Motorola, Inc MPC9448D Datasheet HTML 2Page - Motorola, Inc MPC9448D Datasheet HTML 3Page - Motorola, Inc MPC9448D Datasheet HTML 4Page - Motorola, Inc MPC9448D Datasheet HTML 5Page - Motorola, Inc MPC9448D Datasheet HTML 6Page - Motorola, Inc MPC9448D Datasheet HTML 7Page - Motorola, Inc MPC9448D Datasheet HTML 8Page - Motorola, Inc MPC9448D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC9448
TIMING SOLUTIONS
3
MOTOROLA
Table 3. ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
--0.3
3.9
V
VIN
DC Input Voltage
--0.3
VCC +0.3
V
VOUT
DC Output Voltage
--0.3
VCC +0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TStor
Storage Temperature Range
--65
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute--maximum--rated conditions is
not implied.
Table 4. GENERAL SPECIFICATIONS
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC ­ 2
V
MM
ESD Protection (Machine Model)
200
V
HBM
ESD Protection (Human Body Model)
2000
V
LU
Latch--up Immunity
200
mA
CPD
Power Dissipation Capacitance
10
pF
Per Output
CIN
Input Capacitance
4.0
pF
Inputs
Table 5. DC CHARACTERISTICS (VCC =3.3V ±5%, TA =--40°Cto+85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
VCC +0.3
V
LVCMOS
VIL
Input LOW Voltage
--0.3
0.8
V
LVCMOS
VPP
Peak--to--Peak Input Voltage
PCLK
250
mV
LVPECL
VCMRa
Common Mode Range
PCLK
1.1
VCC -- 0.6
V
LVPECL
IIN
Input Currentb
300
µA
VIN =VCC or GND
VOH
Output HIGH Voltage
2.4
V
IOH = --24mAc
VOL
Output LOW Voltage
0.55
0.30
V
V
IOL = 24mAc
IOL = 12mA
ZOUT
Output Impedance
17
Ω
ICCQd
Maximum Quiescent Supply Current
2.0
mA
All VCC Pins
a. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (DC) specification.
b. Input pull-up / pull-down resistors influence input current.
c. The MPC9448 is capable of driving 50Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines (for
VCC=3.3V) or one 50Ω series terminated transmission line (for VCC=2.5V).
d. ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com