Electronic Components Datasheet Search
  English  ▼

X  

B200000 Datasheet(PDF) 1 Page - E-SWITCH

Part # B200000
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B200000 Datasheet(HTML) 1 Page - E-SWITCH

  B200000 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1260BQRBLK
4:1
5/11/2007
B200000
G
TN
1
1
36
4
5
13
6
3
6
5
4
2
1
P.C.B. LAYOUT
FORWARD CURRENT
LUMINOUS INTENSITY
FORWARD VOLTAGE
LED SPECS
UNITS
mA
V
MCD
2.9 TYP. - 4.0 MAX.
150 TYP.
BLUE
20 TYP.
6.80
[.268 in]
7.00
[.276 in]
7.00
[.275 in]
3.10
[.122 in]
3.30
[.130 in]
10.25
[.404 in]
3.65
[.144 in]
.50
[.020 in]
4
2
1
CIRCUIT: SPST
3
BLUE LED
6
5
+
-
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN.
6. OPERATING FORCE: 160
50gf
7. TRAVEL: 0.2
0.1mm
8. OPERATING TEMPURATURE: -20
C TO 70C
9. OPEREATING LIFE: 500,000 CYCLES
10. LED: BLUE
11.
DENOTES CRITICAL PARAMETERS
12. 2002/95/EC (ROHS) COMPLIANT
13. PACKAGING: 100 PIECES PER TRAY
1.10
[.043 in]
8.00
[.315 in]
.30
[.012 in]
TYP.
2.30
[.091 in]
LED:BLUE
CAP:BLACK
.70
[.028 in]
C
16026
UPDATE LED SPECS
5/16/06
CT
D
17280
GEN. TOLERANCE NOTE ADDED
5/11/07
TN
2.50
[.098 in]
3.50
[.138 in]
6.30
[.248 in]
4.50
[.177 in]
E
19542
UPDATE DRAWING
12/21/10
BGL
1.00
[.039 in]
4.50
[.177 in]
5.00
[.197 in]
2.50
[.098 in]
6.30
[.248 in]
6.85
[.270 in]
E
.40
[.016 in]
E
E
E
.20
[.008 in]
F
F
F
19956
CORRECT NOTES / LED CHART/ DIM
05/20/11
BMA
F
G
21659
ADDED NOTE 13
10/23/14
AS
G


Similar Part No. - B200000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B200001 E-SWITCH-B200001 Datasheet
222Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200002 E-SWITCH-B200002 Datasheet
222Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200003 E-SWITCH-B200003 Datasheet
226Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200004 E-SWITCH-B200004 Datasheet
216Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200005 E-SWITCH-B200005 Datasheet
213Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B200000

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com