Electronic Components Datasheet Search
  English  ▼

X  

MSP430F415 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F415
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F415 Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F415 Datasheet HTML 9Page - Texas Instruments MSP430F415 Datasheet HTML 10Page - Texas Instruments MSP430F415 Datasheet HTML 11Page - Texas Instruments MSP430F415 Datasheet HTML 12Page - Texas Instruments MSP430F415 Datasheet HTML 13Page - Texas Instruments MSP430F415 Datasheet HTML 14Page - Texas Instruments MSP430F415 Datasheet HTML 15Page - Texas Instruments MSP430F415 Datasheet HTML 16Page - Texas Instruments MSP430F415 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
memory organization
MSP430F412
MSP430F413
MSP430F415
MSP430F417
Memory
Interrupt vector
Code memory
Size
Flash
Flash
4KB
0FFFFh − 0FFE0h
0FFFFh − 0F000h
8KB
0FFFFh − 0FFE0h
0FFFFh − 0E000h
16KB
0FFFFh − 0FFE0h
0FFFFh − 0C000h
32KB
0FFFFh − 0FFE0h
0FFFFh − 08000h
Information memory
Size
Flash
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
Boot memory
Size
ROM
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
RAM
Size
256 Byte
02FFh − 0200h
256 Byte
02FFh − 0200h
512 Byte
03FFh − 0200h
1 KB
05FFh − 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
MSP430C412
MSP430C413
Memory
Interrupt vector
Code memory
Size
ROM
ROM
4KB
0FFFFh − 0FFE0h
0FFFFh − 0F000h
8KB
0FFFFh − 0FFE0h
0FFFFh − 0E000h
Information memory
Size
NA
NA
Boot memory
Size
NA
NA
RAM
Size
256 Byte
02FFh − 0200h
256 Byte
02FFh − 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
bootstrap loader (BSL)
The MSP430 bootstrap loader (BSL) enables users to program the flash memory or RAM using a UART serial
interface. Access to the MSP430 memory via the BSL is protected by user-defined password. For complete
description of the features of the BSL and its implementation, see the Application report Features of the MSP430
Bootstrap Loader, Literature Number SLAA089.
BSL Function
PM, RTD Package Pins
Data Transmit
53 - P1.0
Data Receive
52 - P1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com