Electronic Components Datasheet Search
  English  ▼

X  

PCM3008 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3008
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3008 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM3008 Datasheet HTML 6Page - Texas Instruments PCM3008 Datasheet HTML 7Page - Texas Instruments PCM3008 Datasheet HTML 8Page - Texas Instruments PCM3008 Datasheet HTML 9Page - Texas Instruments PCM3008 Datasheet HTML 10Page - Texas Instruments PCM3008 Datasheet HTML 11Page - Texas Instruments PCM3008 Datasheet HTML 12Page - Texas Instruments PCM3008 Datasheet HTML 13Page - Texas Instruments PCM3008 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
PCM3008
SLAS332 – APRIL 2001
10
www.ti.com
PCM audio interface (continued)
0.5 VCC
0.5 VCC
0.5 VCC
0.5 VCC
tLRP
tBCH
tBCL
tBL
tLB
tBCY
tDIS
tDIH
tBDO
tLDO
LRCK
BCK
DIN
DOUT
SYMBOL
DEFINITION
MIN
TYP
MAX
UNITS
tBCY
BCK pulse cycle time
300
ns
tBCH
BCK pulse width high
120
ns
tBCL
BCK pulse width low
120
ns
tBL
BCK rising edge to LRCK edge
40
ns
tLB
LRCK edge to BCK rising edge
40
ns
tLRP
LRCK pulse width
tBCY
tDIS
DIN setup time
40
ns
tDIH
DIN hold time
40
ns
tBDO
DOUT delay time to BCK falling edge
40
ns
tLDO
DOUT delay time to LRCK edge
40
ns
tR
Rising time of all signals
20
ns
tF
Falling time of all signals
20
ns
Figure 5. Audio Data Input/Output Timing
synchronization with digital audio system
PCM3008 operates with LRCK synchronized to the system clock. PCM3008 does not need a specific phase
relationship between LRCK and system clock, but does require the synchronization of LRCK and system clock.
If the relationship between system clock and LRCK changes more than
±4 BCK during one sample period,
internal operation of DAC halts within 1/fs, and analog output is held at the last data until re-synchronization
between system clock and LRCK is completed, and tDACDLY2 has elapsed.
Internal operation of ADC also halts within 1/fs, and digital output is forced into ZERO code until
re-synchronization between system clock and LRCK is completed and tADCDLY2 has elapsed. In case of
changes less than
±4 BCK, re-synchronization does not occur and the above analog/digital output control and
discontinuity do not occur. The following figure illustrates the DAC analog output and ADC digital output for loss
of synchronization. During undefined data periods, some noise may be generated in the audio signal. Also, the
transition of normal to undefined data and undefined data to normal makes a discontinuity of data on analog
and digital output, which also may generate some noise in the audio signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com