Electronic Components Datasheet Search
  English  ▼

X  

PSS9014C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PSS9014C
Description  NPN general purpose transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS9014C Datasheet(HTML) 4 Page - NXP Semiconductors

  PSS9014C Datasheet HTML 1Page - NXP Semiconductors PSS9014C Datasheet HTML 2Page - NXP Semiconductors PSS9014C Datasheet HTML 3Page - NXP Semiconductors PSS9014C Datasheet HTML 4Page - NXP Semiconductors PSS9014C Datasheet HTML 5Page - NXP Semiconductors PSS9014C Datasheet HTML 6Page - NXP Semiconductors PSS9014C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2004 Aug 10
4
Philips Semiconductors
Product specification
NPN general purpose transistor
PSS9014C
handbook, halfpage
103
102
10
1
MLD927
10−1
110
IC (mA)
hFE
102
103
Fig.2
DC current gain as a function of collector
current; typical values.
VCE =5V.
handbook, halfpage
MLD928
104
103
102
10−2
10−1
1
IC (mA)
VCEsat
(mV)
10
102
103
10
Fig.3
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
handbook, halfpage
MLD929
104
103
102
10−2
10−1
1
IC (mA)
VBEsat
(mV)
10
102
103
10
Fig.4
Base-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
handbook, halfpage
MLD930
104
103
102
10−2
10−1
1
IC (mA)
VBE
(mV)
10
102
103
10
Fig.5
Base-emitter voltage as a function of
collector current; typical values.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com