Electronic Components Datasheet Search
  English  ▼

X  

REC110L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # REC110L
Description  Precision Linear Transducers, Conductive Plastic (REC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC110L Datasheet(HTML) 1 Page - Vishay Siliconix

  REC110L Datasheet HTML 1Page - Vishay Siliconix REC110L Datasheet HTML 2Page - Vishay Siliconix REC110L Datasheet HTML 3Page - Vishay Siliconix REC110L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
110 L
Vishay Sfernice
Document Number: 54012
Revision 20-Nov-02
www.vishay.com
29
For technical questions, contact sfer@vishay.com
Precision Linear Transducers, Conductive Plastic (REC)
Theoretical electrical travel (TET)
25mm to 450mm in increments of 25mm
Independent linearity (over TET)
≤ ± 1% ≤ ± 0.1%
on request
≤ ± 0.05% for E ≥ 100mm ≤ ± 0.025% for E ≥ 200mm
Actual electrical travel (AET)
See Electrical Connections Table 1
Repeatability
≤ ± 0.01%
Ohmic values (RT)
400Ω/cm to 2kΩ/cm
Resistance tolerance at 20ºC
± 20%
Maximum power rating
0.05W/cm at 70°C
0W at 125°C
Wiper current
recommended: a few µA - 1mA max. continuous
Load resistance
minimum 103 x RT
Insulation resistance
≥ 1000MΩ 500VDC
Dielectric strength
≥ 750VRMS 50Hz
ELECTRICAL SPECIFICATIONS
Mechanical travel
TET + 6mm min
Housing
anodized aluminum
Operating force
5N typical
Shaft (free rotation)
stainless steel
Termination
connector: 723 series
on request
by cable
Wiper
precious metal multifinger
Mounting
movable brackets
MECHANICAL SPECIFICATIONS
FEATURES
• Large Measurement Range
• High Accuracy ± 1% down to ± 0.025%
• Long Life
• Essentially Infinite Resolution
• Easy mounting
The 110 L is a compact, robust, easily mounted precision
industrial motion transducer.
PERFORMANCE
Operating life
40 million cycles typical
Temperature range
- 55°C + 125°C
Mechanical shocks on 3 axes
50g - 11ms - half sine
Sine vibrations on 3 axes
1.5mm peak to peak or 15g - 10Hz - 2000Hz


Similar Part No. - REC110L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC110L VISHAY-REC110L Datasheet
415Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC110L VISHAY-REC110L Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC110L3D103W...E. VISHAY-REC110L3D103W...E. Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
More results

Similar Description - REC110L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
115L VISHAY-115L Datasheet
87Kb / 2P
Precision Linear Transducers, Conductive Plastic (REC)
14-Dec-01
16LH VISHAY-16LH Datasheet
146Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
08-Jan-04
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC38L VISHAY-REC38L Datasheet
83Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 150 mm
08-Sep-16
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L_V01 Datasheet
115Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mms
18-Feb-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com