Electronic Components Datasheet Search
  English  ▼

X  

2SD2402 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD2402
Description  Old Company Name in Catalogs and Other Documents
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2402 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD2402 Datasheet HTML 1Page - Renesas Technology Corp 2SD2402 Datasheet HTML 2Page - Renesas Technology Corp 2SD2402 Datasheet HTML 3Page - Renesas Technology Corp 2SD2402 Datasheet HTML 4Page - Renesas Technology Corp 2SD2402 Datasheet HTML 5Page - Renesas Technology Corp 2SD2402 Datasheet HTML 6Page - Renesas Technology Corp 2SD2402 Datasheet HTML 7Page - Renesas Technology Corp 2SD2402 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998
©
Document No. D16155EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTOR
2SD2402
NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The
2SD2402
is
a
transistor
featuring
high
current
capacitance in small dimension.
This transistor is ideal for
DC/DC converters and motor drivers.
FEATURES
• High current capacitance
• Low collector saturation voltage
• Complementary transistor with 2SB1571
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
50
V
Collector to emitter voltage
VCEO
30
V
Emitter to base voltage
VEBO
6.0
V
Collector current (DC)
IC(DC)
5.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 10 ms
duty cycle
≤ 50 %
8.0
A
Base current (DC)
IB(DC)
0.2
A
Base current (pulse)
IB(pulse)
PW
≤ 10 ms
duty cycle
≤ 50 %
0.4
A
Total power dissipation
PT
16 cm
2
× 0.7 mm ceramic board mounted
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com