Electronic Components Datasheet Search
  English  ▼

X  

2SD2403 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD2403
Description  Old Company Name in Catalogs and Other Documents
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2403 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD2403 Datasheet HTML 1Page - Renesas Technology Corp 2SD2403 Datasheet HTML 2Page - Renesas Technology Corp 2SD2403 Datasheet HTML 3Page - Renesas Technology Corp 2SD2403 Datasheet HTML 4Page - Renesas Technology Corp 2SD2403 Datasheet HTML 5Page - Renesas Technology Corp 2SD2403 Datasheet HTML 6Page - Renesas Technology Corp 2SD2403 Datasheet HTML 7Page - Renesas Technology Corp 2SD2403 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D16156EJ2V0DS
2
2SD2403
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
I&%2
V&% = 80 V, I( = 0
100
nA
Emitter cutoff current
I(%2
V(% = 6.0 V, I& = 0
100
nA
DC current gain
h)(
V&( = 2.0 V, I& = 0.1 A
80
−
DC current gain
h)(
V&( = 2.0 V, I& = 1.0 A
100
200
400
−
DC base voltage
V%(
V&( = 2.0 V, I& = 0.1 A
630
670
730
mV
Collector saturation voltage
V&( VDW 
I& = 2.0 A, I% = 0.1 A
150
300
mV
Collector saturation voltage
V&( VDW 
I& = 3.0 A, I% = 0.15 A
210
500
mV
Base saturation voltage
V%( VDW
I& = 2.0 A, I% = 0.1 A
0.89
1.2
V
Gain bandwidth product
f7
V&( = 10 V, I( =
−0.3 A
130
MHz
Output capacitance
CRE
V&% = 10 V, I( = 0, f = 1 MHz
30
pF
Turn-on time
tRQ
150
ns
Storage time
tVWJ
652
ns
Fall time
tI
I& = 1.0 A, V&&= 10 V
I% =
−I% = 0.1 A
R/ = 5.0
Ω
40
ns
hFE CLASSIFICATION
Marking
GX
GY
GZ
h)(
100 to 200
160 to 320
200 to 400



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com