Electronic Components Datasheet Search
  English  ▼

X  

UPA502CT Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPA502CT
Description  N-CHANNEL MOSFET FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA502CT Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPA502CT Datasheet HTML 1Page - Renesas Technology Corp UPA502CT Datasheet HTML 2Page - Renesas Technology Corp UPA502CT Datasheet HTML 3Page - Renesas Technology Corp UPA502CT Datasheet HTML 4Page - Renesas Technology Corp UPA502CT Datasheet HTML 5Page - Renesas Technology Corp UPA502CT Datasheet HTML 6Page - Renesas Technology Corp UPA502CT Datasheet HTML 7Page - Renesas Technology Corp UPA502CT Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
µPA502CT
R07DS1277EJ0200 Rev.2.00
Page 5 of 6
Jul 06, 2015
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
FORWARD BIAS SAFE OPERATING AREA
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
1.2
Pulsed
VGS =0 V
VF(S-D) – Source to Drain Voltage - V
0.01
0.1
1
110
100
ID(pulse)=0.2A
DC
Power Dissipation Limited
ID(DC)=0.1A
1ms
10ms
100ms
TA=25°C
Single Pulse
VDS - Drain to Source Voltage – V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com