Electronic Components Datasheet Search
  English  ▼

X  

PTRF2000LC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PTRF2000LC
Description  Surface Mount Tip and Ring Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PTRF2000LC Datasheet(HTML) 1 Page - Coilcraft lnc.

  PTRF2000LC Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Surface Mount Tip and Ring Filters
Document 492
Document 492 Revised 11/10/05
These surface mount tip and ring filters provide substan-
tial reduction of noise throughout an extended frequency
range.Their economical design makes them attractive for
a wide variety of applications.
Free evaluation samples are available by contacting
Coilcraft or ordering them on-line at
www.coilcraft.com.
0.050
1,27
cen
0.060
1,52
0.030
0,76
Recommended
Land Pattern
8
1
5
4
0.200
5,08
Notch indicates pin 1
0.012
0,305
0.098
2,50
0.138 ±0.006
3,50 ±0,15
0.217 ±0.008
5,50 ±0,20
0.317 ±0.012
8,05 ±0,30
0.020
0,50
0.050
1,27
cen
0.0395
1,00
0.236
6,00
Dimensions are typical prior to applying solder
1
4
5
8
0.307 ±0.008
7,80 ±0,20
0.007/ 0,18
*
**
30
40
20
10
0
-10
0.1
110
100
1000
Frequency (MHz)
Differential Mode
Common
Mode
**Measured on Agilent/HP 8753D network analyzer.
Typical Response**
Part number1
PTRF2000L_
PTRF4000L_
Lines
1
2
Minimum inductance:
35 µH
35 µH
(each winding @130 kHz)
Rated current:
500 mA
500 mA
DCR each winding:
0.075  max
0.135  max
Dielectric strength:
1500 Vrms
1500 Vrms
(1–8)
(1,2–7,8)
1. When ordering, please specify
packaging code:
PTRF4000LC
Packaging: C = 7
″ machine ready reel. EIA-481 embossed plastic
tape, 500 parts per full reel.
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked, 2000 parts per
full reel.
2. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
8
8
1
1
7
2
6
3
5
5
4
4
PTRF4000
PTRF2000
Core material Ferrite
Terminations RoHS tin-silver-copper over tin over nickel over phos bronze
Weight 214 – 216 mg
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 500/7
″ reel; 2000/13″ reel Plastic tape: 16 mm wide,
0.35 mm thick, 8 mm pocket spacing, 4.4 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.


Similar Part No. - PTRF2000LC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
Surface Mount Tip and Ring Filters
More results

Similar Description - PTRF2000LC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
Surface Mount Tip & Ring Ceramic Chip Capacitors
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
Surface Mount Tip Ring Filter
logo
Coilcraft lnc.
PTRF2000L COILCRAFT-PTRF2000L Datasheet
77Kb / 1P
Surface Mount Tip and Ring Filters
TRF-2000L COILCRAFT-TRF-2000L Datasheet
159Kb / 1P
Tip and Ring Common Mode Filters
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
Surface Mount Tip and Ring Filters
ST515FRF COILCRAFT-ST515FRF Datasheet
215Kb / 1P
Tip and Ring Filters for Critical Applications
PTRF4000LB COILCRAFT-PTRF4000LB Datasheet
128Kb / 1P
Surface Mount Tip and Ring Filters
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
Surface Mount Tip Ring Filter
XF0356A-2CMC XFMRS-XF0356A-2CMC_15 Datasheet
37Kb / 1P
SURFACE MOUNT TIP RING FILTER
logo
Coilcraft lnc.
TRF2000L COILCRAFT-TRF2000L Datasheet
254Kb / 1P
Tip and Ring Common Mode Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com