Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 39 Page - Texas Instruments

Part # TMDS181I
Description  6 Gbps TMDS Retimer
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 35Page - Texas Instruments TMDS181I Datasheet HTML 36Page - Texas Instruments TMDS181I Datasheet HTML 37Page - Texas Instruments TMDS181I Datasheet HTML 38Page - Texas Instruments TMDS181I Datasheet HTML 39Page - Texas Instruments TMDS181I Datasheet HTML 40Page - Texas Instruments TMDS181I Datasheet HTML 41Page - Texas Instruments TMDS181I Datasheet HTML 42Page - Texas Instruments TMDS181I Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
39
TMDS181, TMDS181I
www.ti.com
SLASE75C – AUGUST 2015 – REVISED JULY 2016
Product Folder Links: TMDS181 TMDS181I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table 8. RX PATTERN VERIFIER CONTROL/STATUS Register Field Description(1) (continued)
ADDRESS
BITS
DEFAULT
DESCRIPTION
ACCESS
1Ah
7:0
‘h00
BERT_CNT[19:12]. BERT error count. Lane 1
RU
1Bh
7:4
4’b0000
Reserved
R
3:0
4’b0000
BERT_CNT[23:20]. BERT error count. Lane 1
RU
1Ch
7:0
‘h00
BERT_CNT[31:24]. BERT error count. Lane 2
RU
1Dh
7:4
4’b0000
Reserved
R
3:0
4’b0000
BERT_CNT[35:32]. BERT error count. Lane 2
RU
1Eh
7:0
‘h00
BERT_CNT[19:12]. BERT error count. Lane 3
RU
7:4
4’b0000
Reserved
R
1Fh
3:0
‘h00
BERT_CNT[23:20]. BERT error count. Lane 3
RU
20h
7
1’b0
Power Down Status Bit.
0 – Normal Operation (default)
1 – Device in Power Down Mode
R
6
1’b0
Standy Status Bit.
0 – Normal Operation (default)
1 – Device in Standby Mode
R
5:0
6’b000000
Reserved
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com