Electronic Components Datasheet Search
  English  ▼

X  

TMP122AIDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP122AIDBVT
Description  1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP122AIDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP122AIDBVT Datasheet HTML 3Page - Texas Instruments TMP122AIDBVT Datasheet HTML 4Page - Texas Instruments TMP122AIDBVT Datasheet HTML 5Page - Texas Instruments TMP122AIDBVT Datasheet HTML 6Page - Texas Instruments TMP122AIDBVT Datasheet HTML 7Page - Texas Instruments TMP122AIDBVT Datasheet HTML 8Page - Texas Instruments TMP122AIDBVT Datasheet HTML 9Page - Texas Instruments TMP122AIDBVT Datasheet HTML 10Page - Texas Instruments TMP122AIDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TMP122, TMP124
7
SBOS272B
www.ti.com
READ ADDRESS REGISTER
Figure 7 shows the internal register structure of the
TMP122/TMP124. Table III describes the addresses of the
registers available. The READ address register uses the two
bits to identify which of the data registers should respond to
a read command. Following a complete 16-bit read, the
READ address register is reset to the default power-up state
of P1/P0 equal 0/0.
The user can obtain 9, 10, 11, or 12 bits of resolution by
addressing the Configuration Register and setting the reso-
lution bits accordingly. For 9-, 10-, or 11-bit resolution, the most
significant bits in the Temperature Register are used with the
unused LSBs set to zero.
CONFIGURATION REGISTER
The Configuration Register is a 16-bit read/write register
used to store bits that control the operational modes of the
temperature sensor. Read/write operations are performed
MSB first. The format of the Configuration Register for the
TMP122/TMP124 is shown in Table VI, followed by a break-
down of the register bits. The power-up/reset value of the
Configuration Register bits R1/R0 equal 1/1, all other bits
equal zero.
TEMPERATURE
DIGITAL OUTPUT(1)
(
°C)
(BINARY)
HEX
150
0100 1011 0000 0111
4B07
125
0011 1110 1000 0111
3E87
25
0000 1100 1000 0111
0C87
0.0625
0000 0000 0000 1111
000F
0
0000 0000 0000 0111
0007
–0.0625
1111 1111 1111 1111
FFFF
–25
1111 0011 1000 0111
F387
–55
1110 0100 1000 0111
E487
NOTE: (1) The last 2 bits are high impedance and are shown as 11 in the table.
TABLE V. Temperature Data Format.
TEMPERATURE REGISTER
The Temperature Register of the TMP122/TMP124 is a 16-
bit, signed read-only register that stores the output of the
most recent conversion. The TMP122/TMP124 are speci-
fied for the temperature range of –40
°C to +125°C with
operation from –55
°C to +150°C. Up to 16 bits can be read
to obtain data and are described in Table IV. The first 13 bits
are used to indicate temperature where bit D2 is 1, and D1,
D0 are in a high impedance state. Data format for tempera-
ture is summarized in Table V. Following power-up or reset,
the Temperature Register will read 0
°C until the first conver-
sion is complete.
SHUTDOWN MODE (SD)
The Shutdown Mode of the TMP122/TMP124 can be used to
shut down all device circuitry except the serial interface.
Shutdown mode occurs when the last 8 bits of the WRITE
command are equal to 1, and will occur once the current
conversion is completed, reducing current consumption to
less than 1
µA. To take the part out of shutdown, send any
command or pattern after the 16-bit read with the last 8 bits
not equal to one. Power on default is in active mode.
P1
P0
REGISTER
0
0
Temperature Register (READ Only)
0
1
Configuration Register (READ/WRITE)
10
TLOW Register (READ/WRITE)
11
THIGH Register (READ/WRITE)
TABLE III. Pointer Addresses of the TMP122 and TMP124
Registers.
FIGURE 7. Internal Register Structure of the TMP122 and
TMP124.
D15
D14
D13
D12
D11
D10
D9
D8
0
0
0
0
D1
D0
R1
R0
D7
D6
D5
D4
D3
D2
D1
D0
F1
F0
POL
TM1
TM0
0
1
0
TABLE VI. Configuration Register.
I/O
Control
Interface
SCK
SO/I
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
READ Address
Register
CS
D15
D14
D13
D12
D11
D10
D9
D8
T12
T11
T10
T9
T8
T7
T6
T5
D7
D6
D5
D4
D3
D2
D1
D0
T4
T3
T2
T1
T0
1
Z
Z
TABLE IV. Temperature Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com