Electronic Components Datasheet Search
  English  ▼

X  

STPS10H100CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS10H100CT
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10H100CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS10H100CT Datasheet HTML 1Page - STMicroelectronics STPS10H100CT Datasheet HTML 2Page - STMicroelectronics STPS10H100CT Datasheet HTML 3Page - STMicroelectronics STPS10H100CT Datasheet HTML 4Page - STMicroelectronics STPS10H100CT Datasheet HTML 5Page - STMicroelectronics STPS10H100CT Datasheet HTML 6Page - STMicroelectronics STPS10H100CT Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STPS10H100CT/CG/CR/CFP
2/7
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
D2PAK / I2PAK
TO-220AB
Per diode
2.2
°C/W
Total
1.3
Rth (c)
Coupling
0.3
Rth (j-c)
Junction to case
TO-220FPAB
Per diode
4.5
°C/W
Total
3.5
Rth (c)
Coupling
2.5
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
3.5
µA
Tj = 125°C
1.3
4.5
mA
VF **
Forward voltage drop
Tj = 25
°CIF = 5 A
0.73
V
Tj = 125°C
0.57
0.61
Tj=25
°CIF = 10 A
0.85
Tj = 125°C
0.66
0.71
Pulse test :
* tp=5ms,
δ <2%
** tp = 380 µs,
δ <2%
To evaluate the maximum conduction losses use the following equation :
P=0.51xIF(AV) +0.02xIF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
PF(av)(W)
IF(av) (A)
T
δ=tp/T
tp
δ = 0.2
δ = 0.5
δ = 1
δ = 0.05
δ = 0.1
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
Tamb(°C)
IF(av)(A)
Rth(j-a)=Rth(j-c)
Rth(j-a)=15°C/W
D²PAK/I²PAK/TO-220AB
TO-220FPAB
Fig. 2: Average forward current versus ambient
temperature (
δ=0.5, per diode).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com