Electronic Components Datasheet Search
  English  ▼

X  

PFD2015-182MEC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # PFD2015-182MEC
Description  Common Mode Chokes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFD2015-182MEC Datasheet(HTML) 2 Page - Coilcraft lnc.

  PFD2015-182MEC Datasheet HTML 1Page - Coilcraft lnc. PFD2015-182MEC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Document 1005C-2 Revised 09/08/15
Document 1005C-2
PFD2015 Common Mode Chokes
Typical Attenuation (Ref: 50 Ohms)
Typical Impedance vs Frequency
100
10
1
0.1
0.01
0.001
0.1
110
1000
100
Frequency (MHz)
-102
-182
-103
-682
-332
-102
-182
-103 -682 -332
0
0
5
5
10
10
15
15
20
20
25
30
35
40
45
50
0.1
0.1
1
1
10
10
1000
1000
100
100
Frequency (MHz)
Frequency (MHz)
Common mode
Differential mode
-102
-182
-103
-682
-332



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com