Electronic Components Datasheet Search
  English  ▼

X  

DS481M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS481M
Description  Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS481M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS481M Datasheet HTML 1Page - National Semiconductor (TI) DS481M Datasheet HTML 2Page - National Semiconductor (TI) DS481M Datasheet HTML 3Page - National Semiconductor (TI) DS481M Datasheet HTML 4Page - National Semiconductor (TI) DS481M Datasheet HTML 5Page - National Semiconductor (TI) DS481M Datasheet HTML 6Page - National Semiconductor (TI) DS481M Datasheet HTML 7Page - National Semiconductor (TI) DS481M Datasheet HTML 8Page - National Semiconductor (TI) DS481M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS481
Low Power RS-485/RS-422 Multipoint Transceiver with
Sleep Mode
General Description
The DS481 is a low-power transceiver for RS-485 and
RS-422 communication. The device contains one driver and
one receiver. The drivers slew rate allows for operation up to
2.0 Mbps (see Applications Information section).
The transceiver draws 200 µA of supply current when un-
loaded or 0.2 µA when in the automatic sleep mode. Sleep
mode is activated by inactivity on the enables (DE and RE
(Note 1)). Holding DE =L and RE (Note 1)=H for greater than
600 ns will enable the sleep mode. The DS481 operates
from a single +5V supply.
The driver is short-circuit current limited and is protected
against excessive power dissipation by thermal shutdown
circuitry that places the driver outputs into TRI-STATE®
(High Impedance state) under fault conditions. The driver
guarantees a minimum of 1.5V differential output voltage
with maximum loading across the common mode range
(V
OD3).
The receiver has a failsafe feature that guarantees a
logic-high output if the input is open circuit.
The DS481 is available in surface mount and DIP packages
and is characterized for Industrial and Commercial tempera-
ture range operation.
Features
n Meets TIA/EIA RS-485 multipoint standard
n Sleep mode reduces ICC to 0.2 µA
n Guaranteed full load output voltage (V OD3)
n Low quiescent current:
200 µA typ
n −7V to +12V common-mode input voltage range
n TRI-STATE outputs on driver and receiver
n AC performance:
— Driver transition time:
25 ns typ
— Driver propagation delay:
40 ns typ
— Driver skew:
1 ns typ
— Receiver propagation delay:
200 ns typ
— Receiver skew:
20 ns typ
n Half-duplex flow through pinout
n Operates from a single 5V supply
n Allows up to 128 transceivers on the bus (DS481N/M)
n Allows up to 64 tranceivers on the bus (DS481TN/M)
n Current-limiting and thermal shutdown for driver
overload protection
n Industrial temperature range operation
n Pin and functional compatible with MAX481C and
MAX481E
Connection and Logic Diagram
Order Number
Temp. Range
Package/###
DS481N
0˚C to +70˚C
DIP/N08E
DS481M
0˚C to +70˚C
SOP/M08A
DS481TN
−40˚C to +85˚C
DIP/N08E
DS481TM
−40˚C to +85˚C
SOP/M08A
Truth Table
DRIVER SECTION
RE
(Note 1)
DE
DI
A
B
XH
H
H
L
XH
L
L
H
X
L
X
Z
Z (Note 2)
RECEIVER SECTION
RE
(Note 1)
DE
A-B
RO
LL
≥+0.2V
H
LL
≤−0.2V
L
H
X
X
Z (Note 2)
L
L
OPEN (Note 1)
H
X = indeterminate
Z = TRI-STATE
Note 1: Non Terminated, Open Input only
Note 2: Device enters sleep mode if enable conditions are held > 600 ns,
DE = L and RE (Note 1) = H.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS012919-1
*Note: Non Terminated, Open Input only
July 1998
© 1999 National Semiconductor Corporation
DS012919
www.national.com


Similar Part No. - DS481M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS481 NSC-DS481 Datasheet
549Kb / 8P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
Texas Instruments
DS481 TI1-DS481 Datasheet
854Kb / 17P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
National Semiconductor ...
DS481TM NSC-DS481TM Datasheet
549Kb / 8P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
Texas Instruments
DS481TM/NOPB TI1-DS481TM/NOPB Datasheet
854Kb / 17P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS481TMX/NOPB TI1-DS481TMX/NOPB Datasheet
854Kb / 17P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
More results

Similar Description - DS481M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
Low Power RS-485/RS-422 Multipoint Transceiver
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
logo
National Semiconductor ...
DS481 NSC-DS481_00 Datasheet
549Kb / 8P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
STMicroelectronics
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Texas Instruments
DS481 TI1-DS481_14 Datasheet
854Kb / 17P
Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
STMicroelectronics
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com