Electronic Components Datasheet Search
  English  ▼

X  

CS1100L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # CS1100L
Description  D1869L_15
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS1100L Datasheet(HTML) 1 Page - Coilcraft lnc.

  CS1100L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document 131
Document 131 Revised 06/09/15
Current Sensors – D18xx, CS1xxx
These sensors function as the secondaries of a current
transformer.The conductor carrying the current to be mea-
sured is the “one turn primary.”Voltage per Ampere can be
adjusted by varying the terminating resistor (see note 3).
Applications include sensing branch circuit overload,
switcher feedback, and detecting load drop or shutdown.
They come in a molded version (CS1xxx Series) or en-
capsulated model (D18xx Series).
Coilcraft
Designer’s Kit P403 contains samples of
the CS1050, CS1100 and CS1200 sensors, current
transformer versions with equivalent ratings, plus two
50/60 Hz current sensors. To order, contact Coilcraft or
visit
http://order.coilcraft.com.
Frequency
Volt-time
Sensed
Terminating
Part
Inductance1
DCR max
range
product2
current Iin
resistance RT3
Color
number
Turns (N)
min (mH)
(Ohms)
(kHz)
(Vµsec)
max (A)
(Ohms)
code
D1869L
50
5
0.7
3 – 1000
149
35
1.4
Green
D1870L
100
20
1.4
2 – 1000
298
35
2.9
Brown
D1871L
200
80
4.5
1 – 1000
596
35
5.7
Red
CS1050L
50
5
0.7
3 – 1000
149
35
1.4
CS1100L
100
20
1.4
2 – 1000
298
35
2.9
CS1200L
200
80
4.5
1 – 1000
596
35
5.7
CS1750L
750
1125
62.0
0.2 – 1000
2235
35
21.4
D18xx Series
Leads 3 and A are in phase per orientation shown above.
0.75
19,05
0.20
5,08
0.033 ±0.002
0,84 ±0,05
0.50 ±0.015
12,7 ±0,38
0.80
20,30
max
min
1
3
3
Date
code
Color
code
max
0.465
11,81
0.125
3,175
0.45
11,43
0.34
8,64
max
A
max
max
max
B
0.80
20,3
0.20
5,08
max
min
0.70
17,8
max
0.50 ±0.015
12,7 ±0,38
1
3
3
A
B
0.158/0.218
5,54
4,01/
0.036/0.030
0,91/0,76
0.375
9,53
max
CS1xxx Series
1
+
AB
Iin
RT
3
−
Vout
Terminations: Tin-silver over copper
Weight:
4.0 – 4.5 g
Typical Circuit
Terminations: Tin-silver over copper
Weight:
5.3 – 5.8 g
1. Inductance is measured at 1 kHz, 0.05 Vrms.
2. Volt-time product is based on 2000 Gauss.
3. Terminating resistance (RT) value is based on 1 Volt output with 35 Amps flowing through the primary. Varying terminating resistance increases or
decreases output Voltage/Ampere according to the following equation: RT = Vout × Nsec /
Iin
4. Ambient temperature range –40°C to +85°C.
5. Electrical specifications at 25°C.


Similar Part No. - CS1100L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS1100L COILCRAFT-CS1100L Datasheet
155Kb / 1P
Current SensorCurrent Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com