Electronic Components Datasheet Search
  English  ▼

X  

1SS196 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # 1SS196
Description  Surface mount switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS196 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  1SS196 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS196 Datasheet HTML 2Page - Diode Semiconductor Korea 1SS196 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface mount switching diode
1SS196
FEATURES
Low forward voltage
VF(3)=0.9V(typ).
Fast switching.
Fast reverse recovery time:trr=1.6ns(typ)
APPLICATIONS
High speed switching application.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS196
G3
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
Non-Repetitive Peak Reverse Voltage
VRM
85
V
DC Reverse Voltage
VR
80
V
Forward Current(max)
IFM
300
mA
Forward Output current
Io
100
mA
Surge current (10ms)
IFSM
2
A
Power Dissipation
Pd
150
mW
Operating Junction Temperature Range
Tj
125
℃
Storage Temperature Range
TSTG
-55 to +125
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Typ
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
80
-
-
V
IR= 100μA
Forward Voltage
VF
-
0.60
0.72
0.90
1.2
V
IF=1mA
IF=10mA
IF=100mA
Reverse Leakage Current
IR
-
0.1
0.5
μA
VR=30V
VR=80V
Junction Capacitance
Cj
-
0.90
3.0
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
-
1.6
4.0
ns
IF=IR=10mAIrr=0.1*IR
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - 1SS196

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS196 TOSHIBA-1SS196 Datasheet
127Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
1SS196 TOSHIBA-1SS196 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS196 BILIN-1SS196 Datasheet
359Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS196 KEXIN-1SS196 Datasheet
35Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS196 SEMTECH_ELEC-1SS196 Datasheet
135Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1SS196

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com