Electronic Components Datasheet Search
  English  ▼

X  

1SS370 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # 1SS370
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS370 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  1SS370 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS370 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Switching Diode
1SS370
FEATURES
Small surface mounting type.
High speed.
High reliability with high surge current
handing capability.
APPLICATIONS
For general purpose switching applications.
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS370
F5
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
250
V
Diode reverse voltage
VR
200
V
Forward peak Current(max.)
IFM
300
mA
Average forward output Current
IO
100
mA
Forward Surge Current (10ms)
IFSM
2
A
Power Dissipation
Pd
100
mW
Junction temperature
Tj
125
℃
Storage temperature range
Tstg
-55-+125
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse current
IR
VR=50V
VR=200V
0.1
1
μA
Forward voltage
VF
IF=10mA
IF=100mA
1
1.2
V
Diode capacitance
CD
VR=0V f=1MHz
3.0
pF
Reverse recovery time
trr
IF=IR=10mA
VR=6V Irr=IR*0.1
60
nS
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - 1SS370

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS370 TOSHIBA-1SS370 Datasheet
126Kb / 2P
DIODE (HIGH VOLTAGE, HIGH SPEED SWITCHING APPLICATIONS)
07-May-1997
logo
TRANSYS Electronics Lim...
1SS370 TEL-1SS370 Datasheet
61Kb / 1P
Plastic-Encapsulated Diode
logo
Toshiba Semiconductor
1SS370 TOSHIBA-1SS370 Datasheet
207Kb / 3P
High Voltage, High Speed Switching Applications
01-Nov-2007
logo
Guangdong Kexin Industr...
1SS370 KEXIN-1SS370 Datasheet
37Kb / 1P
Silicon Epitaxial Planar Type
logo
Weitron Technology
1SS370 WEITRON-1SS370 Datasheet
1Mb / 3P
Surface Mount Switching Diode
More results

Similar Description - 1SS370

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com