Electronic Components Datasheet Search
  English  ▼

X  

THS4271DR Datasheet(PDF) 28 Page - Texas Instruments

Part # THS4271DR
Description  LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271DR Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS4271DR Datasheet HTML 24Page - Texas Instruments THS4271DR Datasheet HTML 25Page - Texas Instruments THS4271DR Datasheet HTML 26Page - Texas Instruments THS4271DR Datasheet HTML 27Page - Texas Instruments THS4271DR Datasheet HTML 28Page - Texas Instruments THS4271DR Datasheet HTML 29Page - Texas Instruments THS4271DR Datasheet HTML 30Page - Texas Instruments THS4271DR Datasheet HTML 31Page - Texas Instruments THS4271DR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
THS4271
THS4275
SLOS397E − JULY 2002 − REVISED JANUARY 2004
www.ti.com
28
DESIGN TOOLS
Performance vs Package Options
The THS4271 and THS4275 are offered in different
package options. However, performance may be limited
due to package parasitics and lead inductance in some
packages. In order to achieve maximum performance of
the
THS4271
and
THS4275,
Texas
Instruments
recommends using the leadless MSOP (DRB) or MSOP
(DGN) packages, in addition to proper high-speed PCB
layout. Figure 92 shows the unity gain frequency response
of the THS4271 using the leadless MSOP, MSOP, and
SOIC package for comparison. Using the THS4271 and
THS4275 in a unity gain with the SOIC package may result
in the device becoming unstable. In higher gain
configurations, this effect is mitigated by the reduced
bandwidth. As such, the SOIC is suitable for application
with gains equal to or higher than +2 V/V or (−1 V/V).
Figure 92. Effects of Unity Gain Frequency
Response for Differential Packages
−4
−2
10
12
14
16
18
20
10 M
100 M
1 G
f − Frequency − Hz
_
+
Rf
49.9
Ω
150
Ω
0
8
6
4
2
SOIC, Rf = 0 Ω
SOIC,
Rf = 100 Ω
SOIC, Rf = 200 Ω
Leadless MSOP, &
MSOP Rf = 0 Ω
VIN = 100 mVPP
VS =±5 V
Evaluation Fixtures, Spice Models, and
Applications Support
Texas Instruments is committed to providing its customers
with the highest quality of applications support. To support
this goal, evaluation boards have been developed for the
THS4271 operational amplifier. Three evaluation boards
are available: one THS4271 and one THS4275, both are
configurable for different gains, and a third for a gain of +1
(THS4271 only). These boards are easy to use, allowing
for straightforward evaluation of the device. These
evaluation boards can be ordered through the Texas
Instruments web site, www.ti.com, or through your local
Texas Instruments sales representative. Schematics for
the evaluation boards are shown below.
The THS4271/THS4275 EVM board shown in Figure 96
through Figure 99 is designed to accommodate different
gain configurations. Its default component values are set
to give a gain of 2. The EVM can be configured in a gain
of +1; however, it is strongly not recommended. Evaluating
the THS4271/THS4275 in a gain of 1 using this EVM may
cause the part to become unstable. The stability of the
device can be controlled by adding a large resistor in the
feedback path, the performance is sacrificed. Figure 93
shows the small signal frequency response of the
THS4271 with different feedback resistors in the feedback
path. Figure 94 is the small frequency response of the
THS4271 using the gain of 1 EVM.
Figure 93. Frequency Response vs Feedback
Resistor Using the EDGE #6439527 EVM
−5
−3
−1
1
3
5
7
9
11
13
15
17
10M
100M
1G
f − Frequency − Hz
_
+
Rf
49.9
Ω
150
Ω
VIN = 100 mVPP
VS = ±5 V
Rf = 150 Ω
Rf = 100 Ω
Rf = 50 Ω
Rf = 0 Ω
Figure 94. Frequency Response Using the
EDGE # 6443547 G = +1 EVM
−4
−3
−2
−1
0
1
2
3
4
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
Gain = 1
RL = 150 Ω
VO = 100 mVPP
VS = ±5 V
_
+
49.9
Ω
150
Ω
The peaking in the frequency response is due to the lead
inductance in the feedback path. Each pad and trace on a
PCB has an inductance associated with it, which in
conjunction with the inductance associated with the
package may cause peaking in the frequency response,
causing the device to become unstable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com