Electronic Components Datasheet Search
  English  ▼

X  

1SS387 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # 1SS387
Description  High Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS387 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  1SS387 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS387 Datasheet HTML 2Page - Diode Semiconductor Korea 1SS387 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Speed Switching Diode
1SS387
FEATURES
Pb
Lead-free
Low forward voltage.
Fast reverse recovery time.
Small total capacitance.
APPLICATIONS
High-speed switching in surface mounted circuits.
SOD-523
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS387
G
SOD-523
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Repetitive peak reverse voltage
VRRM
85
V
Reverse voltage
VR
80
V
Continuous forward current
IF
100
mA
Surge current
IFSM
1
A
Total power dissipation
Ptot
150
mW
Junction temperature
Tj
125
℃
Storage temperature
Tstg
-55-125
℃
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
0.62
V
IF=1mA
0.75
V
IF=10mA
Forward voltage
VF
0.98
1.2
V
IF=100mA
0.1
μA
VR=30V
Reverse current
IR
0.5
μA
VR=80V
Diode capacitance
Cd
0.5
3
pF
VR=0,f=1MHz
Reverse recovery time
trr
1.6
4
ns
IF=10mA
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - 1SS387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS387 TOSHIBA-1SS387 Datasheet
125Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
logo
Weitron Technology
1SS387 WEITRON-1SS387 Datasheet
376Kb / 3P
High Speed Switching Diodes
logo
TRANSYS Electronics Lim...
1SS387 TEL-1SS387 Datasheet
97Kb / 2P
Plastic-Encapsulate Diodes
logo
Toshiba Semiconductor
1SS387 TOSHIBA-1SS387 Datasheet
205Kb / 4P
Ultra High Speed Switching Applications
logo
Galaxy Semi-Conductor H...
1SS387 BILIN-1SS387 Datasheet
169Kb / 3P
High Speed Switching Diode
Rev.A
More results

Similar Description - 1SS387

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com