Electronic Components Datasheet Search
  English  ▼

X  

CEKJ Datasheet(PDF) 1 Page - Dubilier

Part # CEKJ
Description  ELECTROLYTIC MINIATURE - 105째C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

CEKJ Datasheet(HTML) 1 Page - Dubilier

  CEKJ Datasheet HTML 1Page - Dubilier CEKJ Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
42
CAPACITORS
ELECTROLYTIC MINIATURE - 105˚C CEKJ
ORDERING INFORMATION
SPECIFICATION
Item
Specification
Cap. Tolerance
± 20% (M)
(120Hz 20˚C)
Rated Working Voltage
4 ~ 63WV
Operating Temp. Range
-40 ~ +105˚C
Surge Voltage (V)
WV
6.3
10
16
25
35
50
63
(20˚C)
SV
8
13
20
32
44
63
79
Leakage Current (µA)
I ≤ 0.01CV or 3µA
Whichever is greater after rated voltage applied for 3 min.
(20˚C)
I: Leakage Current (µA) C: Capacitance (µF) V: Voltage (V)
Dissipation Factor (%)
WV
6.3
10
16
25
35
50
63
(120Hz 20˚C)
DF
24
20
16
14
12
10
8
Impedance ratio at 120Hz
Comparison Z\WV
6.3
10
16
25
35
50
63
Low Temp.
-25˚C / 20˚C
4
3
2
2
2
2
2
Characteristics
-40˚C / 20˚C
8
6
4
4
4
4
4
Capacitance Change ≤ ± 20% of Initial Value
Load Life
Dissipation Factor ≤ 200% of Initial Specified Value
Leakage Current ≤ Initial Specified Value
after 1000 hours application of W.V. at 105˚C
CEKJ
10
16
TA
Range
Capacitance
µF
Voltage
V
Options:
TA = Tape/Ammo-box
SL = Straight Lead
TA = 5mm, e.g. TA 2mm = 2mm pitch.
Note: Always add SL if you require straight lead pitch e.g. CEKJ10 16 SL as
the standard CEKJ10 16 is 5mm pitch.
7mm high case sizes
The CEK is a high-quality radial electrolytic capacitor featuring
the industry-standard ‘K’ case size.
Applications include automotive, telecommunications, radio
and other designs requiring low profile cases.
5mm pitch and SL (straight lead) available.
The usages are as CEK but 105˚C.
www.dubilier.co.uk


Similar Part No. - CEKJ

ManufacturerPart #DatasheetDescription
logo
Dubilier
CEKJ1016SL DUBILIER-CEKJ1016SL Datasheet
151Kb / 2P
ELECTROLYTIC MINIATURE - 105C CEKJ
CEKJ1016TA DUBILIER-CEKJ1016TA Datasheet
151Kb / 2P
ELECTROLYTIC MINIATURE - 105C CEKJ
More results

Similar Description - CEKJ

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
VHT10M25 NTE-VHT10M25 Datasheet
17Kb / 2P
105째C ALUMINUM ELECTROLYTIC
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
105째C General Purpose Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
102LRP160M ILLINOISCAPACITOR-102LRP160M Datasheet
393Kb / 3P
105째C Screw Terminal Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
105째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Tyco Electronics
PBH14005 MACOM-PBH14005_05 Datasheet
152Kb / 2P
Miniature Power PCB Relay PBH 105째C
logo
List of Unclassifed Man...
RJB-10V102MH4 ETC2-RJB-10V102MH4 Datasheet
68Kb / 3P
105째C Use, Miniature, High-Reliability, Low Impedance Capacitors
logo
Dubilier
DVJR DUBILIER-DVJR Datasheet
276Kb / 2P
ELECTROLYTIC 105째C REDUCED SIZE
DVJRHV DUBILIER-DVJRHV Datasheet
144Kb / 1P
HIGH VOLTAGE SMD ELECTROLYTIC - 105째C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com