Electronic Components Datasheet Search
  English  ▼

X  

DFR Datasheet(PDF) 1 Page - Dubilier

Part # DFR
Description  Power Flame Proof Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DFR Datasheet(HTML) 1 Page - Dubilier

  DFR Datasheet HTML 1Page - Dubilier DFR Datasheet HTML 2Page - Dubilier DFR Datasheet HTML 3Page - Dubilier DFR Datasheet HTML 4Page - Dubilier DFR Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
128
Resistors
Power Flame Proof Resistors
Operating temperature -55°C to +155°C
0.5W to 4W
The DFR series is available in power ratings from 0.5W to 4W
With tolerances of 5% (E24) and 1% (E24 & E96)
D
H
H
L
d
DFR
050
J
75R
T
Power Rating
Tolerance
Value
Packaging Option
Packaging
in ohms
ORDERING INFORMATION
OUTLINE DRAWING
RANGE
Tel: +44 (0) 1724 408710
www.dubilier.co.uk
Tel: +44 (0) 1724 408700
Flame Proof
- -
L
ØD
H
Ød
DFR050
3.4±0.3
1.9±0.2
28±2.0
0.45±0.05
DFR100
6.3±0.5
2.4±0.2
28±2.1
0.55±0.05
DFR200
9.0±0.5
3.9±03
26±2.0
0.55±0.06
DFR300SS 11.5±1.0 4.5±0.5
33±2.0
0.8±0.05
DFR300
15.5±1.0 5.0±0.5
33±2.1
0.8±0.05
DFR400
17.0±1.0 7.5±0.5
32±2.0
0.8±0.05
STYLE
Dimension
Style
DFR050
DFR100
DFR200
DFR300SS
DFR300
DFR400
Power Rating at 70°C
0.5W
1W
2W
3W
3W
4W
Maximum Working Voltage
200V
350V
500V
500V
750V
750V
Maximum Overload Voltage
400V
600V
700V
700V
1000V
1000V
Dielectric Withstand Voltage
300V
500V
500V
500V
750V
750V
Resistance Range
Operating Temperature Range
Temperature Coefficient
-55°C to +155°C
±100 ppm/°C
1R ~ 10M & 0R for E24 and E96 ranges
050 = 1/2W
100 = 1W
200 = 2W
300SS = 3W
300 = 3W
400 = 4W
J = 5%
F = 1%
52- = 52.4mm
52I = 52.4mm (I represents 0.78±0.05mm diameter)
73- = 73mm
M = M Type Forming for Bulk
F = F Type Forming for Bulk
FK = FK Type Forming
FFK = FFK Type Forming
FKK = FKK Type Forming
FT = FT Type Forming
MT = MTsert
PN = PANAsert
AV = AVIsert
R= Paper
Taping Reel
T=Tape in
Box
B=Bulk
128
Tel: +44 (0) 1724 408710
www.dubilier.co.uk
Tel: +44 (0) 1724 408700
www.dubilier.co.uk


Similar Part No. - DFR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DFR-0.5A LUGUANG-DFR-0.5A Datasheet
175Kb / 2P
Surface Mount Fast Recovery Rectifiers
DFR-0.5B LUGUANG-DFR-0.5B Datasheet
175Kb / 2P
Surface Mount Fast Recovery Rectifiers
DFR-0.5D LUGUANG-DFR-0.5D Datasheet
175Kb / 2P
Surface Mount Fast Recovery Rectifiers
DFR-0.5G LUGUANG-DFR-0.5G Datasheet
175Kb / 2P
Surface Mount Fast Recovery Rectifiers
DFR-0.5J LUGUANG-DFR-0.5J Datasheet
175Kb / 2P
Surface Mount Fast Recovery Rectifiers
More results

Similar Description - DFR

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
FRN MERITEK-FRN Datasheet
110Kb / 1P
Flame-Proof Fusible Resistors
logo
Tyco Electronics
1773271 MACOM-1773271 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
logo
Dubilier
DHVR25J100KT DUBILIER-DHVR25J100KT Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
logo
Tyco Electronics
ROX2SJ820R MACOM-ROX2SJ820R Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ82R MACOM-ROX3SJ82R Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ18K MACOM-ROX3SJ18K Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
Flame-Proof Fusible Resistors
ROX2SJ1R2 MACOM-ROX2SJ1R2 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX1SJ390R MACOM-ROX1SJ390R Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
logo
Dubilier
DHVR DUBILIER-DHVR Datasheet
404Kb / 2P
High Voltage Flame Proof Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com