Electronic Components Datasheet Search
  English  ▼

X  

DHVR Datasheet(PDF) 1 Page - Dubilier

Part # DHVR
Description  High Voltage Flame Proof Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DHVR Datasheet(HTML) 1 Page - Dubilier

  DHVR Datasheet HTML 1Page - Dubilier DHVR Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Resistors
High Voltage Flame Proof Resistors
Operating temperature -55°C to +155°C
1/4W to 3W
The DHVR series is available in power ratings from 1/4W to 3W
With tolerances of 5% and 10%
The resistors are coated with a pink lacquer, the 5thband is yellow for
tolerance 5% to represent high Voltage resistors.
D
H
H
L
d
DHVR
25
J
100K
T
ORDERING INFORMATION
OUTLINE DRAWING
RANGE
Working Voltage up to 7000V
- -
L
ØD
H
Ød
DHVR25
DHVR50SS
DHVR50
DHVR100SS
DHVR100
DHVR200SS
DHVR200
DHVR300SS
15.5±1.0 5.0±0.5
33±2.0
0.8±0.05
9.0±0.5
3.3±0.3
26±2.0 0.55±0.05
11.5±1.0 4.5±0.5
35±2.0
0.8±0.05
STYLE
Dimension
6.3±0.5
2.4±0.2
28±2.0 0.55±0.05
Style
DHVR25 DHVR50SS
DHVR50 DHVR100SS DHVR100 DHVR200SS
DHVR200 DHVR200SS
Power Rating at 70°C
0.25W
0.5W
0.5W
1W
1W
2W
2W
3W
Maximum Working Voltage DC
Maximum Overload Voltage DC
Dielectric Withstand Voltage
Resistance Range
Operating Temperature Range
Temperature Coefficient
600V
100K ~ 68Mfor E24 values
-55°C to +155°C
±200 ppm/°C
7000V
3000V
7000V
10000V
14000V
1600V
3500V
5000V
300V
500V
Power Rating
25 = 0.25W
50SS = 0.5W
50 = 0.5W
100SS = 1W
100 = 1W
200SS = 2W
200 = 2W
300SS = 3W
Packaging Option
26 = 26mm
52 = 52.4mm
73 = 73mm
Packaging
T = Tape in
Ammo
Blank = Bulk
Value
In Ohms
Tolerance
J = 5%
F = 1%
Tolerance
5% = J
1% = F
www.dubilier.co.uk


Similar Part No. - DHVR

ManufacturerPart #DatasheetDescription
logo
Dubilier
DHVR100F100KT26 DUBILIER-DHVR100F100KT26 Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
DHVR100F100KT52 DUBILIER-DHVR100F100KT52 Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
DHVR100F100KT73 DUBILIER-DHVR100F100KT73 Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
DHVR100J100KT26 DUBILIER-DHVR100J100KT26 Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
DHVR100J100KT52 DUBILIER-DHVR100J100KT52 Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
More results

Similar Description - DHVR

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
FRN MERITEK-FRN Datasheet
110Kb / 1P
Flame-Proof Fusible Resistors
logo
Tyco Electronics
1773271 MACOM-1773271 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
logo
Dubilier
DHVR25J100KT DUBILIER-DHVR25J100KT Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
logo
Tyco Electronics
ROX2SJ820R MACOM-ROX2SJ820R Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ82R MACOM-ROX3SJ82R Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ18K MACOM-ROX3SJ18K Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
Flame-Proof Fusible Resistors
ROX2SJ1R2 MACOM-ROX2SJ1R2 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
ROX1SJ390R MACOM-ROX1SJ390R Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
logo
Dubilier
DFR DUBILIER-DFR Datasheet
718Kb / 5P
Power Flame Proof Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com