Electronic Components Datasheet Search
  English  ▼

X  

BAS20H Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAS20H
Description  High Voltage Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS20H Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAS20H Datasheet HTML 1Page - Diode Semiconductor Korea BAS20H Datasheet HTML 2Page - Diode Semiconductor Korea BAS20H Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Voltage Switching Diodes
BAS20H
FEATURES
Fast switching.
Designed for surface mount application.
Plastic material-UL recognition flammability
classification 94V-O
APPLICATIONS
SOD-323
Surface mount fast switching diode
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS20H
JR
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Continuous Reverse Voltage
VR
200
V
Repetitive Peak Reverse Voltage
VRRM
200
V
Forward Continuous Current
IF
200
mA
Peak forward surge current
IFSM
625
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
635
℃
/W
Junction and Storage Temperature Rage
Tj,TSTG
-55 to+150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
250
-
V
IR=100μA
Forward Voltage
VF
-
1000
1250
mV
IF=100mA
IF=200mA
Reverse Current
IR
-
1.0
100
μA
VR=200V
VR=200V,TJ=150
℃
Diode Capacitance
CD
-
5
pF
VR=0,f=1.0MHz
Reverse Recovery Time
trr
-
50
ns
IF=IR=30mA,RL=100Ω
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAS20H

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS20H WEITRON-BAS20H Datasheet
327Kb / 3P
Surface Mount Switching Diode
logo
Galaxy Semi-Conductor H...
BAS20H BILIN-BAS20H Datasheet
178Kb / 3P
High Voltage Switching Diodes
Rev.A
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
High Voltage Switching Diodes
logo
WILLAS ELECTRONIC CORP
BAS20H WILLAS-BAS20H Datasheet
332Kb / 3P
200mA Surface Mount Switching Diode-200V
logo
PACELEADER INDUSTRIAL
BAS20H PACELEADER-BAS20H Datasheet
399Kb / 3P
SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAS20H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
HIGH VOLTAGE SWITCHING DIODES
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21W PHILIPS-BAS21W_15 Datasheet
76Kb / 11P
High-voltage switching diodes
Rev. 01-9 October 2009
BAS101_BAS101S PHILIPS-BAS101_BAS101S_15 Datasheet
126Kb / 11P
High-voltage switching diodes
Rev. 02-14 December 2009
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
High Voltage Switching Diodes
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
High Voltage Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com