Electronic Components Datasheet Search
  English  ▼

X  

DMP Datasheet(PDF) 2 Page - Dubilier

Part # DMP
Description  5mm BOX POLYESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DMP Datasheet(HTML) 2 Page - Dubilier

  DMP Datasheet HTML 1Page - Dubilier DMP Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
86
CAPACITORS
5mm BOX POLYESTER DMP
AC VOLTAGE Vrms VERSUS FREQUENCY F
IMPEDANCE Z VERSUS FREQUENCY F (TYPICAL VALUES)
TAPING SPECIFICATION
REEL
0.1
1.0
10
100
F (MHz)
Z
( ) 100
10
1.0
0.1
0.01
0.1
1.0
10
100
kHz 1000
ƒ
1
6
20
40
100
rms
V
63Vdc / 40Vac
1.0nF
3.3nF
10nF
33nF
0.22 F
1.0 F
2.2 F
ac
V
60
10
4
2
0.1
1.0
10
100
kHz 1000
ƒ
1
6
20
40
100
rms
V
100Vdc / 63Vac
1.0nF
3.3nF
10nF
0.1 F
0.47 F
ac
V
60
10
4
2
12.7
0.5
3.8
0.5
6
9
18
0.7
0±0.2
Direction of unreeling
Separation layer paper
Corrugated cardboard
30.5 82+1
42
52
90
360
www.dubilier.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com