Electronic Components Datasheet Search
  English  ▼

X  

DPG Datasheet(PDF) 3 Page - Dubilier

Part # DPG
Description  ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DPG Datasheet(HTML) 3 Page - Dubilier

  DPG Datasheet HTML 1Page - Dubilier DPG Datasheet HTML 2Page - Dubilier DPG Datasheet HTML 3Page - Dubilier DPG Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
71
CAPACITORS
ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(120Hz/105°C)
4700
22.4x35
1.80
25x25
22.4x40
6800
25x35
2.70
35V
30x30
25x45
10000
30x35
3.30
35.5x30
15000
30x45
3.91
35.5x35
22000
35.5x50
4.59
50V
2200
22.4x30
1.55
3300
24.4x35
1.87
25x30
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(120Hz/105°C)
6800
25x25
1.30
10000
20x30
1.84
15000
25x25
1.90
22000
25x30
2.25
10V
25x45
33000
30x35
3.3
35.5x30
47000
30x45
3.8
35x35
68000
35.5x50
5.5
16V
6800
22.4x25
1.55
22.4x30
10000
25x25
1.95
22.4x40
15000
25x35
2.55
30x30
25x45
22000
30x35
3.3
33000
30x45
4.30
35.5x35
47000
35.5x45
5.4
22.4x25
4700
25x30
1.79
30x25
6800
25x25
1.85
25V
22.4x40
10000
25x35
2.40
30x30
25x45
15000
30x35
3.15
35.5x30
22000
30x45
3.75
35.5x35
33000
35.5x50
5.40
www.dubilier.co.uk



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com