Electronic Components Datasheet Search
  English  ▼

X  

BAS316 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAS316
Description  Silicon Epitaxial Planar Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS316 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAS316 Datasheet HTML 1Page - Diode Semiconductor Korea BAS316 Datasheet HTML 2Page - Diode Semiconductor Korea BAS316 Datasheet HTML 3Page - Diode Semiconductor Korea BAS316 Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Epitaxial Planar Diode
BAS316
FEATURES
Pb
Lead-free
Very small plastic SMD package.
High switching speed:max.4ns
Continuous reverse voltage:max.100v
Repetitive peak reverse voltage:max.100v
Repetitive peak forward current:max.500mA
APPLICATIONS
SOD-323
Surface mount fast switching diode
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS316
A6
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
DC Reverse Voltage
VR
100
V
Forward Current
IF
300
mA
Power Dissipation
Pd
200
mW
Junction and Storage Temperature Rage
Tj,TSTG
-65 to+150
℃
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAS316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
High-speed diode
1998 Mar 26
BAS316 PHILIPS-BAS316 Datasheet
66Kb / 9P
High-speed diode
2004 Feb 04
logo
Galaxy Semi-Conductor H...
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
logo
Guangdong Kexin Industr...
BAS316 KEXIN-BAS316 Datasheet
38Kb / 1P
High-Speed Diode
logo
NXP Semiconductors
BAS316 NXP-BAS316 Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
More results

Similar Description - BAS316

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com