Electronic Components Datasheet Search
  English  ▼

X  

UDZ20B Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # UDZ20B
Description  Surface mount zener diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

UDZ20B Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  UDZ20B Datasheet HTML 1Page - Diode Semiconductor Korea UDZ20B Datasheet HTML 2Page - Diode Semiconductor Korea UDZ20B Datasheet HTML 3Page - Diode Semiconductor Korea UDZ20B Datasheet HTML 4Page - Diode Semiconductor Korea UDZ20B Datasheet HTML 5Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface mount zener diode
UDZ2V0B-UDZ56B
FEATURES
Very sharp breakdown characteristics.
Very tight tolerance on zener breakdown
voltage.
Ideally suited for automated assembly processes.
APPLICATIONS
SOD-323
Zener diode.
Ultra-small surface mount package.
ORDERING INFORMATION
Type No.
Marking
Package Code
UDZ2V0B-UDZ56B
See table 2
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθjA
625
℃/W
Junction temperature
Tj
150
℃
Storage temperature range
Tstg
-65-150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - UDZ20B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZ20B ROHM-UDZ20B Datasheet
58Kb / 3P
Zener diode
logo
Diodes Incorporated
UDZ20B DIODES-UDZ20B Datasheet
89Kb / 4P
SURFACE MOUNT PRECISION ZENER DIODE
DS30290 Rev. 5 - 1
logo
Formosa MS
UDZ20B FORMOSA-UDZ20B Datasheet
62Kb / 8P
SMD Zener Diode
UDZ20B-FL FORMOSA-UDZ20B-FL Datasheet
97Kb / 8P
SMD Zener Diode
More results

Similar Description - UDZ20B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com