Electronic Components Datasheet Search
  English  ▼

X  

DVJR Datasheet(PDF) 2 Page - Dubilier

Part # DVJR
Description  ELECTROLYTIC 105째C REDUCED SIZE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DVJR Datasheet(HTML) 2 Page - Dubilier

  DVJR Datasheet HTML 1Page - Dubilier DVJR Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
77
SURFACE MOUNT
ELECTROLYTIC 105˚C REDUCED SIZE DVJR
STANDARD PRODUCT & CASE SIZE TABLE DØxL mm
Part No.
W.V
(V.DC)
Cap
(µF)
ESR
(120Hz/+20C)
max
Ripple Current
(120Hz/+105C)
(mA) rms max
Size
dia/height
*DVJR226.3-LF
6.3
22
23
21
4x5.5
*DVJR476.3-LF
6.3
47
11
36
5x5.5
*DVJR1006.3-LF
6.3
100
5
61
6.3x5.5
DVJR2206.3-LF
6.3
220
2.3
178
8x10
DVJR3306.3-LF
6.3
330
1.5
178
8x10
DVJR4706.3-LF
6.3
470
1
324
10x10
DVJR10006.3-LF
6.3
1000
0.5
324
10x10
*DVJR3310-LF
10
33
13
31
5x5.5
DVJR22010-LF
10
220
2
178
8x10
DVJR100010-LF
10
1000
0.4
324
10x10
DVJR1016-LF
16
10
40
27
4x6
DVJR2216-LF
16
22
18
46
5X6
DVJR4716-LF
16
47
8.5
78
6.3X6
DVJR10016-LF
16
100
3.6
110
6.3x5.5
DVJR10016D8-LF
16
100
3.6
110
8x6.5
DVJR22016-LF
16
220
1.7
324
10x10
DVJR33016-LF
16
330
1.1
324
8x10
DVJR33016D10-LF
16
330
1.1
324
10X10
DVJR47016-LF
16
470
0.78
324
10x10
DVJR2225-LF
25
22
14
62
6.3X6
DVJR3325-LF
25
33
9
76
6.3X6
DVJR4725-LF
25
47
5.7
110
8x6.5
DVJR10025-LF
25
100
2.7
178
8x10
DVJR33025-LF
25
330
0.8
324
8x10
DVJR33025D10-LF
25
330
0.8
324
10x10
DVJR4.735-LF
35
4.7
53
23
4X6
DVJR1035-LF
35
10
25
39
5X6
DVJR2235-LF
35
22
11
65
6.3x6
DVJR3335-LF
35
33
6.5
110
8x6.5
DVJR4735-LF
35
47
4.6
110
6.3x6
DVJR4735D8-LF
35
47
4.6
110
8x6.5
DVJR10035-LF
35
100
2.2
324
8X10
DVJR22035-LF
35
220
0.98
324
10x10
DVJR0.150-LF
50
0.15
2321
4
4X6
DVJR0.2250-LF
50
0.22
1055
5
4X6
DVJR0.3350-LF
50
0.33
703
6
4X6
DVJR0.4750-LF
50
0.47
494
7
4X6
DVJR1.050-LF
50
1
232
12
4X6
DVJR2.250-LF
50
2.2
105
19
4X6
DVJR3.350-LF
50
3.3
70
22
4X6
DVJR4.750-LF
50
4.7
49
29
5X6
DVJR1050-LF
50
10
23
47
6.3X6
DVJR2250-LF
50
22
9.1
110
8x6.5
DVJR3350-LF
50
33
6
178
8x10
DVJR4750-LF
50
47
4.2
178
8x10
DVJR10050-LF
50
100
2
178
8x10
DVJR10050D10-LF
50
100
2
324
10x10
www.dubilier.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com