Electronic Components Datasheet Search
  English  ▼

X  

DWR Datasheet(PDF) 2 Page - Dubilier

Part # DWR
Description  Power Wire Wound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DWR Datasheet(HTML) 2 Page - Dubilier

  DWR Datasheet HTML 1Page - Dubilier DWR Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
129
Derating Curve
Resistors
Packing Methods
Tel: +44 (0) 1724 408710
www.dubilier.co.uk
Tel: +44 (0) 1724 408700
Power Wire Wound Resistors
STYLE
Unit: mm
Normal
a
A
B1-B2
S
(spacing)
T (max. deviation of
spacing)
73 ± 1.5
1.5
52.4 ± 1.0
1.2
73 ± 1.5
1.5
52.4 ± 1.0
1.2
73 ± 1.5
1.5
52.4 ± 1.0
1.2
73 ± 1.5
1.5
52.4 ± 1.0
1.2
91.0 ± 1.5
1.5
73 ± 1.5
1.2
91.0 ± 1.5
1.5
73 ± 1.5
1.2
DIMENSIONS
DWR01
6 ±0.5
10
1mm per 10 spacing
0.5mm per 5 spacing
DWR03
6 ±0.5
10
DWR04
6 ±0.5
DWR10
6 ±0.5
10
10
DWR05
6 ±0.5
10
DWR07
6 ±0.5
10
STYLE
Qty Per Box
Normal
W ( A )
H ( B )
L ( C )
DWR01
73
45
258
1000
DWR03
103
94
260
1000
DWR04
103
94
260
1000
DWR05
103
94
260
250
DWR07
115
70
263
250
DWR10
115
70
263
200
Standard Lead Length
Fax: 01724 280353
Tel: 01724 408700
www.dubilier.co.uk
128
Tel: + 44 ( 0) 1 724 4 08710
www.dubilier.co.uk
Tel: +44 (0) 1724 408700
www.dubilier.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com