Electronic Components Datasheet Search
  English  ▼

X  

WD Datasheet(PDF) 4 Page - Dubilier

Part # WD
Description  CERAMIC DISC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

WD Datasheet(HTML) 4 Page - Dubilier

  WD Datasheet HTML 1Page - Dubilier WD Datasheet HTML 2Page - Dubilier WD Datasheet HTML 3Page - Dubilier WD Datasheet HTML 4Page - Dubilier WD Datasheet HTML 5Page - Dubilier WD Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
CAPACITORS
CERAMIC DISC WDC/WDK/WDF
TEMPERATURE CHARACTERISTICS CURVES
30
20
10
0
-10
-20
-30
-40
-50
-60
-70
-80 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TEMPERATURE ϒC
(Hi-K) Z5V (V)
30
20
10
0
-10
-20
-30
-40
-50
-60
-70
-80 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TEMPERATURE ϒC
(Hi-K) Z5U (F)
15
10
5
0
-5
-10
-15 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TEMPERATURE ϒC
(Hi-K) Y5P (B)
CERAMIC DISC CAPACITORS MEDIUM-HIGH K 100V, 500V (TYPE WDK)
www.dubilier.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com