Electronic Components Datasheet Search
  English  ▼

X  

WDF Datasheet(PDF) 1 Page - Dubilier

Part # WDF
Description  CERAMIC DISC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

WDF Datasheet(HTML) 1 Page - Dubilier

  WDF Datasheet HTML 1Page - Dubilier WDF Datasheet HTML 2Page - Dubilier WDF Datasheet HTML 3Page - Dubilier WDF Datasheet HTML 4Page - Dubilier WDF Datasheet HTML 5Page - Dubilier WDF Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
ORDERING INFORMATION
CAPACITORS
CERAMIC DISC WDC/WDK/WDF
OUTLINE DRAWING
Class 1, Class 2 and Class 3 devices
Various pitch and lead type options
Epoxy coating for 2KV
Our ceramic-disc range offers both close-tolerance class 1 parts,
and high capacity class 2 types.
Typical applications range from precision radio and oscillator
circuits, to general de-coupling.
D
30±5
0.5ø
or 0.6ø
Long Lead (Straight)
Loose Package Type (Standard)
F
D
30±5
0.6ø
5
Long Lead (Snap In Type)
for Loose Product
5 MAX
-0.2
+0.8
F IS MEASURED FROM PIN CENTRE TO PIN CENTRE
WD
C
( )
1J
101
J
C
A
TA
Dubilier
Identification
Class Type
C = Class 1
K = Class 2
F = Class 3
Options
if required
otherwise
leave blank
See * if options
are required
Rated Voltage
1E = 25V
1H = 50V
1J = 100V
2H = 500V
3A = 1KV
3D = 2KV
Rated (pF)
Capacitance
First 2 significant
figures followed
by number of
zero's i.e. above
= 100(pF)
For capacitance
below 10 (pF) a
letter R is used
to indicate
decimal
point i.e. 2R2 =
2.2 (pF)
Tolerance Code
C = ±.25 (pF)
D = ±.5 (pF)
J = 5%
K = 10%
M = 20%
Z = +80% - 20%
Temperature
Coefficient
Class 1
C = NPO
G = S/L
Class 2
B = Y5P
F = Z5U
V = Z5V
Y = Y5V
Lead Pitch
A = 2.5mm
B = 5mm
C = 7.5mm
D = 10mm
Packing Code
TA = Tape in
Ammo Box
TR = Tape
on reel
*Note: No letter designation required for standard type long straight lead.
R = Taped with "snap in" long lead type. S = "snap-in' long lead loose package.
When auto-insertion is used, we recommend ‘R’ type.
OTHER DIELECTRICS AVAILABLE
Standard Straight Leads
(no Designation) Cut Leads(M)
Taped Snap In (R)
www.dubilier.co.uk


Similar Part No. - WDF

ManufacturerPart #DatasheetDescription
logo
Whirlpool.
WDF110PAB WHIRLPOOL-WDF110PAB Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF111PAB WHIRLPOOL-WDF111PAB Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF120PAF WHIRLPOOL-WDF120PAF Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF121PAF WHIRLPOOL-WDF121PAF Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
WDF130PAH WHIRLPOOL-WDF130PAH Datasheet
1Mb / 9P
Undercounter Dishwasher
11/25
More results

Similar Description - WDF

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
90000 NTE-90000 Datasheet
15Kb / 1P
1000V CERAMIC DISC
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
Ceramic Disc Capacitors
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
Ceramic Disc Capacitors
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
116Kb / 1P
CERAMIC DISC CAPACITOR
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
Ceramic Disc Capacitors
logo
NTE Electronics
89012 NTE-89012 Datasheet
438Kb / 1P
50V CERAMIC DISC
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com