Electronic Components Datasheet Search
  English  ▼

X  

MB05S Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MB05S
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MB05S Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MB05S Datasheet HTML 1Page - Diode Semiconductor Korea MB05S Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.6
±0.1
3.8
±0.2
4.6
±0.2
2.5
±0.25
0.3
±0.1
6.8
±0.2
1.0
±0.15
Dimensions in millimeters
FEATURES
This series is UL recognized under Component Index,
file number E239431
Glass passivated chip junctions
Plastic materrial has U/L flammability classification
94V-O
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
V
Maximum RMS voltage
V
Maximum DC blocking voltage
V
Maximum average forw ard
output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 0.4 A
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=100
mA
Typical junction capacitance per leg (NOTE 3)
pF
Operating junction temperature range
Storage temperature range
NOTES: (1) On glass epoxy P.C.B. mounted on 0.05 x 0.05" (1.3 x 1.3mm) pads
(2) On aluminum substrate P.C.B. with an area of 0.8" x 0.8" (20 x 20mm) mounted on 0.05 x 0.05" (1.3 x 1.3mm) solder pad
(3) Measured at 1.0 MHz and applied rev erse v oltage of 4.0 Volts
TSTG
TJ
VRRM
0.51)
0.82)
CJ
13
IR
VF
IFSM
IF(AV)
35.0
VDC
VRMS
1000
70
140
280
420
560
700
400
SILICON BRIDGE RECTIFIERS
Saves space on printed circuit boards
Weight: 0.0078 ounce, 0.22 gram
Polarity: Polarity symbols marked on body
Dimensions in inches and (millimeters)
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
High surge overload rating: 35A peak
High temperature soldering guaranteed:
Mounting Position: Any
260°C/10 seconds at 5 lbs. (2.3kg) tension
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 0.5 A
5.0
MB05S---MB10S
1000
1.0
35
50
100
200
A
MB05S MB1S
MB2S MB4S MB6S MB8S MB10S
0.5
- 55 ---- + 150
- 55 ---- + 150
A
/W
800
800
600
TO-269AA
50
100
200
400
600
Typical thermal resistance per leg
(NOTE 1)
R θJA
85
(NOTE 2)
RθJL
20
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MB05S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB05S MCC-MB05S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S MCC-MB05S Datasheet
117Kb / 3P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MB05S PFS-MB05S Datasheet
181Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB05S BILIN-MB05S Datasheet
166Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
MB05S GXELECTRONICS-MB05S Datasheet
842Kb / 2P
Glass passivated chip junctions
More results

Similar Description - MB05S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com