Electronic Components Datasheet Search
  English  ▼

X  

180T2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 180T2
Description  NPN SILICON TRANSISTORS, DIFFUSED MESA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

180T2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  180T2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 180T2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 180T2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 180T2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
COMSET SEMICONDUCTORS
2/4
BDY23, 180 T2
BDY24, 181 T2
BDY25, 182 T2
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
BDY23, 180T2
BDY24, 181T2
BDY25, 182T2
2°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BDY23, 180T2
60
-
-
BDY24, 181T2
90
-
-
VCEO(BR)
Collector-Emitter
Breakdown Voltage (*)
IC=50 mA, IB=0
BDY25, 182T2
140
-
-
V
BDY23, 180T2
60
-
-
BDY24, 181T2
100
-
-
V(BR)CBO
Collector-Base Breakdown
Voltage (*)
IC=3 mA
BDY25, 182T2
200
-
-
V
VCE=60 V
BDY23
--
VCE=90 V
BDY24
--
ICEO
Collector-Emitter Cutoff
Current
VCE=140 V
BDY25
--
1.0
mA
IEBO
Emitter-Base Cutoff Current VEB=10 V
BDY23, 180T2
BDY24, 181T2
BDY25, 182T2
--
1.0
mA
VCE=60 V
VBE=0 V
BDY23, 180T2
--
0.5
VCE=100 V
VBE=0 V
BDY24, 181T2
--
1.0
ICES
Collector-Emitter Cutoff
Current
VCE=180 V
VBE=0 V
BDY25, 182T2
--
1.0
mA
BDY23, 180T2
--
1
BDY24, 181T2
--
0.6
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=2.0 A, IB=0.25 A
BDY25, 182T2
--
0.6
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com