Electronic Components Datasheet Search
  English  ▼

X  

CD54HC165 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC165
Description  High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC165 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC165 Datasheet HTML 2Page - Texas Instruments CD54HC165 Datasheet HTML 3Page - Texas Instruments CD54HC165 Datasheet HTML 4Page - Texas Instruments CD54HC165 Datasheet HTML 5Page - Texas Instruments CD54HC165 Datasheet HTML 6Page - Texas Instruments CD54HC165 Datasheet HTML 7Page - Texas Instruments CD54HC165 Datasheet HTML 8Page - Texas Instruments CD54HC165 Datasheet HTML 9Page - Texas Instruments CD54HC165 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
2
-
165
205
250
ns
CP or CE to Q7 or Q7
4.5
-
33
41
50
ns
CL = 15pF
5
13
-
-
-
ns
CL = 50pF
6
-
28
35
43
ns
PL to Q7 or Q7
tPLH, tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
CL = 15pF
5
14
-
-
-
ns
CL = 50pF
6
-
30
37
45
ns
D7 to Q7 or Q7
tPLH, tPHL
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
CL = 15pF
5
12
-
-
-
ns
CL = 50pF
6
-
26
33
38
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
2
-
75
95
110
ns
4.5
-
15
19
22
ns
6
-
13
16
19
ns
Input Capacitance
CIN
--
-
10
10
10
pF
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
17
-
-
-
pF
HCT TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
4.5
-
40
50
60
ns
CP or CE to Q7 or Q7
CL = 15pF
5
17
-
-
-
ns
PL to Q7 or Q7
tPLH, tPHL
CL = 50pF
4.5
-
40
50
60
ns
CL = 15pF
5
17
-
-
-
ns
D7 to Q7 or Q7
tPLH, tPHL
CL = 50pF
4.5
-
35
44
53
ns
CL = 15pF
5
14
-
-
-
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
4.5
-
15
19
22
ns
Input Capacitance
CIN
CL = 50pF
-
-
10
10
10
pF
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
24
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per package.
4. PD =VCC
2 f
i + ∑ (CL VCC
2 +f
O) where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
CD54HC165, CD74HC165, CD54HCT165, CD74HCT165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com