Electronic Components Datasheet Search
  English  ▼

X  

1SS357 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # 1SS357
Description  Surface mounting schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS357 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  1SS357 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS357 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mounting schottky Diode
1SS357
FEATURES
Pb
Lead-free
Small Surface Mounting Type:
SOD-323
Low VF。
Low IR
APPLICATIONS
Surface mount schottky diode
SOD-323
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS357
S31
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
45
V
DC Reverse Voltage
VR
40
V
Peak forward Current
IFSM
1
A
Average Rectified Output Current
IO
100
mA
Junction temperature
Tj
125
℃
Storage temperature
TSTG
-55~+125
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
0.28
0.36
0.60
V
IF=1mA
IF=10mA
IF=100mA
Reverse current
IR
5
μA
VR=40V
Capacitance between
terminals
CT
25
pF
VR=0V,f=1MHz
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - 1SS357

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357 Datasheet
100Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
18-Aug-1997
logo
TRANSYS Electronics Lim...
1SS357 TEL-1SS357 Datasheet
82Kb / 1P
SCHOTTKY DIODES
logo
Weitron Technology
1SS357 WEITRON-1SS357 Datasheet
591Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357 Datasheet
282Kb / 3P
Low Voltage High Speed Switching
01-Nov-2007
logo
Galaxy Semi-Conductor H...
1SS357 BILIN-1SS357 Datasheet
148Kb / 2P
Surface mounting schottky Diode
Rev.A
More results

Similar Description - 1SS357

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EA30QS06-F NIEC-EA30QS06-F Datasheet
57Kb / 6P
Surface Mounting, Schottky Barrier Diode
EC30HA03L NIEC-EC30HA03L Datasheet
86Kb / 6P
Surface Mounting, Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
1SS357 BILIN-1SS357 Datasheet
148Kb / 2P
Surface mounting schottky Diode
Rev.A
logo
Shenzhen Luguang Electr...
1SS357 LUGUANG-1SS357 Datasheet
272Kb / 1P
Surface Mounting Schottky Diode
logo
Galaxy Semi-Conductor H...
1SS357 BILIN-1SS357_13 Datasheet
162Kb / 3P
Surface mounting schottky Diode
logo
Shindengen Electric Mfg...
M2F60 SHINDENGEN-M2F60_17 Datasheet
441Kb / 4P
Surface Mounting Device Single Diode
M3F60 SHINDENGEN-M3F60_17 Datasheet
436Kb / 4P
Surface Mounting Device Single Diode
M3FE40 SHINDENGEN-M3FE40_17 Datasheet
444Kb / 4P
Surface Mounting Device Single Diode
logo
Galaxy Semi-Conductor H...
1SS357 BILIN-1SS357_18 Datasheet
204Kb / 3P
Surface mounting schottky Diode
logo
SHIKUES Electronics
1SS357 SKTECHNOLGY-1SS357 Datasheet
322Kb / 2P
Surface mounting schottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com